Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA4056 Datasheet (PDF) - ETA SOLUTIONS CO. LIMITED

ETA4056 Datasheet PDF - ETA SOLUTIONS CO. LIMITED
Part # ETA4056
Download  ETA4056 Download
File Size   1185.99 Kbytes
Page   12 Pages
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED
Description 1.2A/16V Fully Integrated Linear Charger for 1 Cell Li-ion Battery

ETA4056 Datasheet (PDF)

Go To PDF Page Download Datasheet
ETA4056 Datasheet PDF - ETA SOLUTIONS CO. LIMITED

Part # ETA4056
Download  ETA4056 Click to download

File Size   1185.99 Kbytes
Page   12 Pages
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED
Description 1.2A/16V Fully Integrated Linear Charger for 1 Cell Li-ion Battery

ETA4056 Datasheet (HTML) - ETA SOLUTIONS CO. LIMITED


ETA4056 Product details

DESCRIPTION
ETA4056 is a single cell, fully integrated constant current
(CC)/constant voltage (CV) Li-ion battery charger. Its
compact package with minimum external components
requirement makes the ETA4056 ideal for portable
applications. No external sense resistor or blocking diode is
necessary for the ETA4056. Build-in thermal feedback
mechanism regulates the charge current to control the die
temperature during high power operation or at elevated
ambient temperature. The ETA4056 has a pre-charge
function for trickle charging deeply discharged batteries.
The fast charge current can be programmed by an external
resistor. CV regulation mode is automatically enabled once
the battery’s charging curve reaches the constant voltage
portion. The output current then decays and is finally
terminated once the charge current drops to 1/10th of the
programmed value. The ETA4056 keeps monitoring the
battery voltage and enables a new charge cycle once the
voltage drops by 120mV below the CV value.
ETA4056 is in an ESOP8, DFN2x2-8, DFN2x3-8, and
SOT23-6 package.

FEATURES
 16V input standoff voltage
 4.2V charge termination voltage
 2.9V trickle charge threshold
 Charge current programmable, up to 1.2A
 250nA BAT current when no charging
 Soft-start limits in-rush current
 ESOP8 / DFN2x2-8 / DFN2x3-8 / SOT23-6

APPLICATIONS
 E-cigarette
 Toys
 Bluetooth applications
 Li-ion battery powered devices




Similar Part No. - ETA4056

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA4054 ETA-ETA4054 Datasheet
241Kb / 6P
16V/1A Fully Integrated Linear Charger for 1 Cell Li-ion Battery
ETA4054S2F ETA-ETA4054S2F Datasheet
241Kb / 6P
16V/1A Fully Integrated Linear Charger for 1 Cell Li-ion Battery
More results


Similar Description - ETA4056

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC79110 MICREL-MIC79110 Datasheet
156Kb / 10P
Simple 1.2A Linear Li-Ion Battery Charger
MIC79110 MICREL-MIC79110_07 Datasheet
565Kb / 14P
Simple 1.2A Linear Li-Ion Battery Charger
logo
Richtek Technology Corp...
RT9503 RICHTEK-RT9503 Datasheet
340Kb / 15P
Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
RT9503A RICHTEK-RT9503A Datasheet
347Kb / 15P
Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
logo
Torex Semiconductor
XC6801-12 TOREX-XC6801-12 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC
XC6801 TOREX-XC6801_15 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
Single Cell Li-Ion Battery Linear Charger
logo
Micrel Semiconductor
MIC79110 MICREL-MIC79110_13 Datasheet
1Mb / 16P
Simple 1.2A Linear Li-ion Battery Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4056H HMSEMI-HM4056H Datasheet
1Mb / 7P
1.2A/16V Fully integrated linear charger for 1 cell li-ion battery
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com