Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA4054 Datasheet (PDF) - ETA SOLUTIONS CO. LIMITED

ETA4054 Datasheet PDF - ETA SOLUTIONS CO. LIMITED
Part # ETA4054
Download  ETA4054 Download
File Size   241.04 Kbytes
Page   6 Pages
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED
Description 16V/1A Fully Integrated Linear Charger for 1 Cell Li-ion Battery

ETA4054 Datasheet (PDF)

Go To PDF Page Download Datasheet
ETA4054 Datasheet PDF - ETA SOLUTIONS CO. LIMITED

Part # ETA4054
Download  ETA4054 Click to download

File Size   241.04 Kbytes
Page   6 Pages
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED
Description 16V/1A Fully Integrated Linear Charger for 1 Cell Li-ion Battery

ETA4054 Datasheet (HTML) - ETA SOLUTIONS CO. LIMITED


ETA4054 Product details

DESCRIPTION
ETA4054 is a single cell, fully integrated constant current (CC)/constant voltage (CV) Li-ion battery charger. Its compact package with minimum external components requirement makes the ETA4054 ideal for portable applications. No external sense resistor or blocking diode is necessary for the ETA4054. Build-in thermal feedback mechanism regulates the charge current to control the die temperature during high power operation or at elevated ambient temperature. The ETA4054 has a pre-charge function for trickle charging deeply discharged batteries. The fast charge current can be programmed by an external resistor. CV regulation mode is automatically enabled once the battery’s charging curve reaches the constant voltage portion. The output current then decays and is finally terminated once the charge current drops to 1/10th of the programmed value. The ETA4054 keeps monitoring the battery voltage and enables a new charge cycle once the voltage drops by 150mV below the CV value.

FEATURES
 16V standoff input voltage at VIN and BAT pins
 4.2V charge termination voltage
 Charge current programmable, up to 1A
 No damage when battery reversely connected
 25uA supply current when standby
 Soft-start limits in-rush current
 SOT23-5 Package

APPLICATIONS
 Toys
 Bluetooth applications
 Li-ion battery powered devices




Similar Part No. - ETA4054

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA4056 ETA-ETA4056 Datasheet
1Mb / 12P
1.2A/16V Fully Integrated Linear Charger for 1 Cell Li-ion Battery
ETA4056D2I ETA-ETA4056D2I Datasheet
1Mb / 12P
1.2A/16V Fully Integrated Linear Charger for 1 Cell Li-ion Battery
ETA4056D6I ETA-ETA4056D6I Datasheet
1Mb / 12P
1.2A/16V Fully Integrated Linear Charger for 1 Cell Li-ion Battery
ETA4056E8A ETA-ETA4056E8A Datasheet
1Mb / 12P
1.2A/16V Fully Integrated Linear Charger for 1 Cell Li-ion Battery
ETA4056S2G ETA-ETA4056S2G Datasheet
1Mb / 12P
1.2A/16V Fully Integrated Linear Charger for 1 Cell Li-ion Battery
More results


Similar Description - ETA4054

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3683 ANALOGICTECH-AAT3683 Datasheet
595Kb / 24P
1A Linear Li-Ion Battery Charger
AAT3683 ANALOGICTECH-AAT3683_08 Datasheet
455Kb / 23P
1A Linear Li-Ion Battery Charger
logo
Torex Semiconductor
XC6801 TOREX-XC6801_15 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC
logo
Global Mixed-mode Techn...
G5803 GMT-G5803 Datasheet
76Kb / 1P
1A Single Cell Li-Ion Battery Linear Charger
logo
Skyworks Solutions Inc.
AAT3683 SKYWORKS-AAT3683_12 Datasheet
1Mb / 22P
1A Linear Li-Ion Battery Charger
logo
List of Unclassifed Man...
AP5056 ETC2-AP5056 Datasheet
730Kb / 9P
1A Linear Li-Ion Battery Charger
logo
Billiton Ltd.
TP4056 ASIC-TP4056 Datasheet
969Kb / 17P
1A Linear Li-Ion Battery Charger
logo
SHENZHEN FUMAN ELECTRON...
TC4056A FUMAN-TC4056A Datasheet
1Mb / 20P
1A Linear Li-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4056H HMSEMI-HM4056H Datasheet
1Mb / 7P
1.2A/16V Fully integrated linear charger for 1 cell li-ion battery
logo
Shenzhen Tuofeng Semico...
TF4056A TUOFENG-TF4056A Datasheet
4Mb / 8P
1A Linear Li-Ion Battery Charger
May,2020 V1.5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com