Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9076 Datasheet (PDF) - Texas Instruments

LM9076 Datasheet PDF - Texas Instruments
Part # LM9076
Download  LM9076 Download
File Size   1033.6 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM9076 150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output

LM9076 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM9076 Datasheet PDF - Texas Instruments

Part # LM9076
Download  LM9076 Click to download

File Size   1033.6 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM9076 150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output

LM9076 Datasheet (HTML) - Texas Instruments


LM9076 Product details

1FEATURES
2• Available with 5.0V or 3.3V Output Voltage
• Ultra Low Ground Pin Current, 25 μA Typical
for 100 μA Load
• VOUT Initial Accuracy of ±1.5%
• V OUT Accurate to ±3% Over Load and
Temperature Conditions
• Low Dropout Voltage, 200 mV Typical with 150
mA Load
• Low Off State Ground Pin current for
LM9076BMA
• Delayed RESET Output Pin for Low VOUT
Detection
• +70V/-50V Voltage Transients
• Operational VIN up to +40V

DESCRIPTION
The LM9076 is a ±3%, 150 mA logic controlled
voltage regulator. The regulator features an active
low delayed reset output flag which can be used to
reset a microprocessor system at turn-ON and in the
event that the regulator output voltage falls below a
minimum value. An external capacitor programs a
delay time interval before the reset output pin can
return high.
Designed for automotive and industrial applications,
the LM9076 contains a variety of protection features such as thermal shutdown, input transient protection
and a wide operating temperature range. The
LM9076 uses an PNP pass transistor which allows
low drop-out voltage operation.




Similar Part No. - LM9076

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9076 NSC-LM9076 Datasheet
259Kb / 8P
150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
logo
Texas Instruments
LM9076 TI-LM9076 Datasheet
1Mb / 20P
LM9076 150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
LM9076BMA-3.3 TI-LM9076BMA-3.3 Datasheet
1Mb / 20P
LM9076 150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076BMA-3.3/NOPB TI1-LM9076BMA-3.3/NOPB Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
More results


Similar Description - LM9076

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
logo
National Semiconductor ...
LM9076 NSC-LM9076 Datasheet
259Kb / 8P
150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
Low-Quiescent Current 150mA LDO Regulator
logo
Texas Instruments
LM9076Q TI1-LM9076Q Datasheet
357Kb / 16P
150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076BMA-3.3 TI-LM9076BMA-3.3 Datasheet
1Mb / 20P
LM9076 150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076Q TI-LM9076Q_15 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com