Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8552 Datasheet (PDF) - Texas Instruments

LP8552 Datasheet PDF - Texas Instruments
Part # LP8552
Download  LP8552 Download
File Size   1065.84 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP8552 High-Efficiency LED Backlight Driver For Notebooks

LP8552 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP8552 Datasheet PDF - Texas Instruments

Part # LP8552
Download  LP8552 Click to download

File Size   1065.84 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP8552 High-Efficiency LED Backlight Driver For Notebooks

LP8552 Datasheet (HTML) - Texas Instruments


LP8552 Product details

1 Features
1• High-Voltage DC/DC Boost Converter with
Integrated FET with Four Switching Frequency
Options: 156/312/625/1250 kHz
• 2.7-V to 22-V Input Voltage Range to Support
1x…5x cell Li-Ion Batteries
• Programmable PWM Resolution
– 8 to 13 True Bit (Steady State)
– Additional 1 to 3 Bits Using Dithering During
Brightness Changes
• I2C-Compatible and PWM Brightness Control
• Automatic PWM & Current Dimming for Improved
Efficiency
• PWM Output Frequency and LED Current set
through Resistors
• Optional Synchronization to Display VSYNC Signal
• 6 LED Outputs with LED Fault (Short/Open)
Detection
• Low Input Voltage, Over-temperature, Overcurrent
Detection, and Shutdown
• Minimum Number of External Components

2 Applications
• Notebook and Netbook LCD Display LED
Backlight
• LED Lighting

3 Description
The LP8552 is a white LED driver with integrated
boost converter. It has six adjustable current sinks
which can be controlled by PWM input or with I2C- compatible serial interface. The boost converter has
adaptive output voltage control based on the LED
driver voltages. This feature minimizes the power
consumption by adjusting the voltage to lowest
sufficient level in all conditions.
LED outputs have 8-bit current resolution and up to
13-bit PWM resolution with additional 1-3 bit dithering
to achieve smooth and precise brightness control. Proprietary Phase Shift PWM control is used for LED
outputs to reduce peak current from the boost
converter, thus making the boost capacitors smaller.
The Phase Shifting scheme also eliminates audible
noise.
Automatic PWM dimming at lower brightness values
and current dimming at higher brightness values can
be used to improve the optical efficiency. Internal EEPROM is used for storing the configuration data.
This makes it possible to have minimum external
component count and make the solution very small.
The LP8552 has safety features which make it
possible to detect LED outputs with open or short
fault. As well low input voltage and boost overcurrent
conditions are monitored and chip is turned off in
case of these events. Thermal de-rating function
prevents overheating of the device by reducing
backlight brightness when set temperature has been
reached.




Similar Part No. - LP8552

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552 Datasheet
1Mb / 49P
LP8552 High-Efficiency LED Backlight Driver For Notebooks
LP8552TLE TI1-LP8552TLE Datasheet
571Kb / 39P
High-Efficiency LED Backlight Driver for Notebooks
LP8552TLE-E00 TI1-LP8552TLE-E00 Datasheet
571Kb / 39P
High-Efficiency LED Backlight Driver for Notebooks
LP8552TLE-E01 TI1-LP8552TLE-E01 Datasheet
571Kb / 39P
High-Efficiency LED Backlight Driver for Notebooks
More results


Similar Description - LP8552

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545_14 Datasheet
1Mb / 44P
High-Efficiency LED Backlight Driver for Notebooks
LP8550 TI1-LP8550_14 Datasheet
1Mb / 49P
LP8550 High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551_14 Datasheet
1Mb / 47P
LP8551 High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552_14 Datasheet
1Mb / 49P
LP8552 High-Efficiency LED Backlight Driver For Notebooks
LP8553 TI1-LP8553_14 Datasheet
1Mb / 42P
LP8553 High-Efficiency LED Backlight Driver for Notebooks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com