Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8552 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP8552
Description  LP8552 High-Efficiency LED Backlight Driver For Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8552 Datasheet(HTML) 1 Page - Texas Instruments

  LP8552 Datasheet HTML 1Page - Texas Instruments LP8552 Datasheet HTML 2Page - Texas Instruments LP8552 Datasheet HTML 3Page - Texas Instruments LP8552 Datasheet HTML 4Page - Texas Instruments LP8552 Datasheet HTML 5Page - Texas Instruments LP8552 Datasheet HTML 6Page - Texas Instruments LP8552 Datasheet HTML 7Page - Texas Instruments LP8552 Datasheet HTML 8Page - Texas Instruments LP8552 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
MCU
LP8552
SW
FB
VLDO
GNDs
EN
ISET
VDDIO
PWM
SCLK
SDA
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
L1
D1
10V ± 40V
5.5V ± 22V
FILTER
5V
FSET
15 éH
VSYNC
210 mA ± 400 mA
COUT
CIN
10 éF
4.7 éF
CVLDO
1 éF
VDDIO reference voltage
VSYNC signal
120 k
#
100 nF
1 éF
FAULT
Can be left floating
if not used
39 pF
VIN
RISET
RFSET
VBATT
0
10 20 30 40 50 60 70 80 90 100
60
65
70
75
80
85
90
95
100
DUTY CYCLE (%)
VIN = 9V
VIN = 12V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP8552
SNVS693E – SEPTEMBER 2011 – REVISED SEPTEMBER 2014
LP8552 High-Efficiency LED Backlight Driver For Notebooks
1 Features
3 Description
The LP8552 is a white LED driver with integrated
1
•
High-Voltage DC/DC Boost Converter with
boost converter. It has six adjustable current sinks
Integrated FET with Four Switching Frequency
which can be controlled by PWM input or with I2C-
Options: 156/312/625/1250 kHz
compatible serial interface. The boost converter has
•
2.7-V to 22-V Input Voltage Range to Support
adaptive output voltage control based on the LED
1x…5x cell Li-Ion Batteries
driver voltages. This feature minimizes the power
consumption by adjusting the voltage to lowest
•
Programmable PWM Resolution
sufficient level in all conditions.
–
8 to 13 True Bit (Steady State)
LED outputs have 8-bit current resolution and up to
–
Additional 1 to 3 Bits Using Dithering During
13-bit PWM resolution with additional 1-3 bit dithering
Brightness Changes
to achieve smooth and precise brightness control.
•
I2C-Compatible and PWM Brightness Control
Proprietary Phase Shift PWM control is used for LED
•
Automatic PWM & Current Dimming for Improved
outputs to reduce peak current from the boost
Efficiency
converter, thus making the boost capacitors smaller.
The Phase Shifting scheme also eliminates audible
•
PWM Output Frequency and LED Current set
noise.
through Resistors
Automatic PWM dimming at lower brightness values
•
Optional Synchronization to Display VSYNC Signal
and current dimming at higher brightness values can
•
6 LED Outputs with LED Fault (Short/Open)
be used to improve the optical efficiency. Internal
Detection
EEPROM is used for storing the configuration data.
•
Low Input Voltage, Over-temperature, Overcurrent
This makes it possible to have minimum external
Detection, and Shutdown
component count and make the solution very small.
•
Minimum Number of External Components
The LP8552 has safety features which make it
possible to detect LED outputs with open or short
2 Applications
fault. As well low input voltage and boost overcurrent
conditions are monitored and chip is turned off in
•
Notebook and Netbook LCD Display LED
case of these events. Thermal de-rating function
Backlight
prevents overheating of the device by reducing
•
LED Lighting
backlight brightness when set temperature has been
reached.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (MAX)
LP8552
DSBGA (25)
2.49 mm x 2.49 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
LED Efficiency
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP8552

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552 Datasheet
1Mb / 49P
LP8552 High-Efficiency LED Backlight Driver For Notebooks
LP8552TLE TI1-LP8552TLE Datasheet
571Kb / 39P
High-Efficiency LED Backlight Driver for Notebooks
LP8552TLE-E00 TI1-LP8552TLE-E00 Datasheet
571Kb / 39P
High-Efficiency LED Backlight Driver for Notebooks
LP8552TLE-E01 TI1-LP8552TLE-E01 Datasheet
571Kb / 39P
High-Efficiency LED Backlight Driver for Notebooks
More results

Similar Description - LP8552

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545_14 Datasheet
1Mb / 44P
High-Efficiency LED Backlight Driver for Notebooks
LP8550 TI1-LP8550_14 Datasheet
1Mb / 49P
LP8550 High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551_14 Datasheet
1Mb / 47P
LP8551 High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552_14 Datasheet
1Mb / 49P
LP8552 High-Efficiency LED Backlight Driver For Notebooks
LP8553 TI1-LP8553_14 Datasheet
1Mb / 42P
LP8553 High-Efficiency LED Backlight Driver for Notebooks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com