Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8552 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP8552
Description  LP8552 High-Efficiency LED Backlight Driver For Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8552 Datasheet(HTML) 5 Page - Texas Instruments

  LP8552 Datasheet HTML 1Page - Texas Instruments LP8552 Datasheet HTML 2Page - Texas Instruments LP8552 Datasheet HTML 3Page - Texas Instruments LP8552 Datasheet HTML 4Page - Texas Instruments LP8552 Datasheet HTML 5Page - Texas Instruments LP8552 Datasheet HTML 6Page - Texas Instruments LP8552 Datasheet HTML 7Page - Texas Instruments LP8552 Datasheet HTML 8Page - Texas Instruments LP8552 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
LP8552
www.ti.com
SNVS693E – SEPTEMBER 2011 – REVISED SEPTEMBER 2014
7 Specifications
7.1 Absolute Maximum Ratings
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
–0.3
24
VLDO
–0.3
6
Voltage on logic pins (VSYNC, PWM, EN, SCLK, SDA)
–0.3
6
V
–0.3
VVDDIO +
Voltage on logic pin (FAULT)
0.3
Voltage on analog pins (FILTER, VDDIO, ISET, FSET)
–0.3
6
V (OUT1...OUT6, SW, FB)
–0.3
44
Continuous power dissipation (3)
Internally Limited
Junction temperature (TJ-MAX)
125
°C
Maximum lead temperature (soldering)
See (4)
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 150°C (typ.) and
disengages at TJ = 130°C (typ.).
(4)
For detailed soldering specifications and information, please refer to Application Report AN-1112 DSBGA Wafer Level Chip Scale
Package (SNVA009).
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
-2
2
kV
Electrostatic
V(ESD)
Charged device model (CDM), per JEDEC spec. JESD22-C101, all pins(2)
–200
200
V
discharge
Machine model
–1
1
kV
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN (Figure 27)
5.5
22
Input voltage
VIN + VLDO (Figure 31)
4.5
5.5
V
VDDIO
1.65
5
V(OUT1...OUT6, SW, FB)
0
40
TJ
Junction temperature
–30
125
°C
TA
(3)
Ambient temperature
–30
85
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (RθJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX).
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP8552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com