Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH74F-R1 Datasheet (PDF) - Comus International

AH74F-R1 Datasheet PDF - Comus International
Part # AH74F-R1
Download  AH74F-R1 Download
File Size   1344.18 Kbytes
Page   3 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description General Purpose - 1 Form B / 2 Form B - PhotoDMOS Relays

AH74F-R1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH74F-R1 Datasheet PDF - Comus International

Part # AH74F-R1
Download  AH74F-R1 Click to download

File Size   1344.18 Kbytes
Page   3 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description General Purpose - 1 Form B / 2 Form B - PhotoDMOS Relays

AH74F-R1 Datasheet (HTML) - Comus International


AH74F-R1 Product details

FEATURES
• PhotoDMOS Relays
• 400 Volt, 90 mA
• On-Resistance: 28 Ω (typical)
• I/O Breakdown Voltage: 1500 Vrms Min.
• Max LED Current 3.0 mA
• Low Off-State Leakage Current 10 μ A Max




Similar Part No. - AH74F-R1

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
AH7415 GAMEWELL-FCI-AH7415 Datasheet
240Kb / 4P
Cooper-Wheelock AS/AH Serles
AH7416 GAMEWELL-FCI-AH7416 Datasheet
240Kb / 4P
Cooper-Wheelock AS/AH Serles
More results


Similar Description - AH74F-R1

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQW614 NAIS-AQW614 Datasheet
55Kb / 3P
GU (General Use) Type [2-Channel (Form A Form B) Type]
logo
List of Unclassifed Man...
AQZ404 ETC-AQZ404 Datasheet
73Kb / 4P
POWER PhotoMOS RELAYS 1-channel(Form B)Type
logo
Solid State Optronic
AD4C113 SSOUSA-AD4C113 Datasheet
220Kb / 6P
1 Form A/1 Form B Solid State Relay
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
AD4C333 SSOUSA-AD4C333 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
M222 SSOUSA-M222 Datasheet
136Kb / 4P
1 Form B Solid State Relay
logo
Siemens Semiconductor G...
LH1521 SIEMENS-LH1521 Datasheet
172Kb / 13P
Dual 1 Form B
LH1501 SIEMENS-LH1501 Datasheet
69Kb / 5P
1 Form B
logo
Solid State Optronic
AD4C213 SSOUSA-AD4C213_15 Datasheet
358Kb / 9P
1 Form A / 1 Form B Integrated in 1 Package
AD4C743 SSOUSA-AD4C743 Datasheet
358Kb / 9P
1 Form A / 1 Form B Integrated in Single Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com