Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH74F-R1 Datasheet(PDF) 2 Page - Comus International

Part # AH74F-R1
Description  General Purpose - 1 Form B / 2 Form B - PhotoDMOS Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

AH74F-R1 Datasheet(HTML) 2 Page - Comus International

  AH74F-R1 Datasheet HTML 1Page - Comus International AH74F-R1 Datasheet HTML 2Page - Comus International AH74F-R1 Datasheet HTML 3Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 43219090
©2016 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
Relays
ITEM
SYMBOL
VALUE
OUTLINE PACKAGE
SOP 4/8
DIP 4/8
SMD 4/8
DIP 6
SMD 6
1CH
2CH
1CH
2CH
1CH
Input
Continuos LED Current
IF
50 mA
Peak LED Current (f=100 Hz, duty=1%)
IFP
500 mA
LED Reverse Voltage
VR
5 V
Input Power Dissipation
PIn
75 mW
Output
Load Voltage
VL
400 V (AC peak or DC)
Load Current (mA)
IL
70
60
90
80
90
Peak Load Current (1 ms, 1 shot) (mA)
IPeak
400
400
400
400
400
Output Power Dissipation (mW)
POut
300
450
450
600
450
Total Power Dissipation (mW)
PT
350
500
500
650
500
I/O Breakdown Voltage (Vrms)
VI/O
1500
1500
1500
1500
1500
Operating Temperature
TOpr
-40˚ +85˚C
Storage Temperature
TStg
-40˚ +100˚C
ITEM
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
Input
LED Forward Voltage
VF
1.0
1.17
1.5
V
IF = 10mA
Operation LED Current
IF Op
0.9
3.0
mA
Recovery LED Voltage
VF Rec
0.5
1.0
V
Output
On-Resistance Drain to Drain
ROn
28
35
Ω
IF = 0mA
IL = Rating Time to flow is
within 1 sec.
Off-State Leakage Current
ILeak
10
μA
IF = 10mA, VL= 400V
Output Capacitance
COut
165
pF
IF = 10mA, VL= 0V, f= 1MHz
Transmission
Operate Time
TOff
0.1
2.0
ms
IF = 5mA
IL = Rating
(for SOP type)
Release Time
TOn
0.05
0.5
ms
Operate Time
TOff
0.15
2.0
ms
IF = 10mA
IL = Rating
(for DIP/SMD type)
Release Time
TOn
0.05
0.5
ms
Coupled
I/O Insulation Resistance
RI/O
109
Ω
I/O Capacitance
CI/O
1.3
pF
f = 1MHz
ABSOLUTE MAXIMUM RATINGS (Ambient Temperature: 25˚C)
Part Number: 74 Series
General Purpose - 1 Form B / 2 Form B - PhotoDMOS Relays
Product Data Sheet
Rev: 0 - Date: June/17/2016 - Signature: BR
ELECTRICAL SPECIFICATIONS (Ambient Temperature: 25˚C)
400 VOLTS
Form B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com