Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH74F-R1 Datasheet(PDF) 1 Page - Comus International

Part # AH74F-R1
Description  General Purpose - 1 Form B / 2 Form B - PhotoDMOS Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

AH74F-R1 Datasheet(HTML) 1 Page - Comus International

  AH74F-R1 Datasheet HTML 1Page - Comus International AH74F-R1 Datasheet HTML 2Page - Comus International AH74F-R1 Datasheet HTML 3Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number: 74 Series
General Purpose - 1 Form B / 2 Form B - PhotoDMOS Relays
Product Data Sheet
SCHEMATIC
ORDERING INFORMATION
FEATURES
PICTURE
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 43219090
©2016 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
Relays
•
PhotoDMOS Relays
• 400 Volt, 90 mA
• On-Resistance: 28 Ω (typical)
• I/O Breakdown Voltage: 1500 Vrms Min.
• Max LED Current 3.0 mA
• Low Off-State Leakage Current 10 μ A Max
1: Anode
2: Cathode
3: NC
4, 6: Drain
5: Source
1: Anode
2: Cathode
3, 4: Drain
1, 3: Anode
2, 4: Cathode
5, 6, 7, 8: Drain
(LED)
(LED)
(MOS FET)
(MOS FET)
(LED)
(LED)
(MOS FET)
(LED)
(LED)
(MOS FET)
SOP4
SOP8
SMD4
DIP4
DIP6
4.4
4.4
6.4
6.4
6.4
6.4
6.4
2.0
2.0
3.4
3.4
3.4
3.4
3.4
4.3
9.4
4.7
8.8
4.7
8.8
9.8
3.4
6.4
9.8
SMD6
SMD8
DIP8
(+)
(-)
(+)
(-) (+) (-)
(+) (-)
4
3
6 5 4
1 2 3
1
2
3
4
8
7
6
5
1
2
Drawings not to scale. All dimensions in mm nominal. Pitch: 2.54 mm
F = SMD
S = SOP
R1 = Tape & Reel (SMD / SOP Only)
Part Number Example: XX74X-XX
AH74F-R1 = Series 74, 2 Form B, 8 Pin, SMD with tape and reel
packaging
AG74(F)(S)
AH74(F)(S)
AE74(F)
400 VOLTS
Rev: 0 - Date: June/17/2016 - Signature: BR
74
AG = 4 pin
AE = 6 pin
AH = 8 pin
Body Style Series Options
Form B


Similar Part No. - AH74F-R1

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
AH7415 GAMEWELL-FCI-AH7415 Datasheet
240Kb / 4P
Cooper-Wheelock AS/AH Serles
AH7416 GAMEWELL-FCI-AH7416 Datasheet
240Kb / 4P
Cooper-Wheelock AS/AH Serles
More results

Similar Description - AH74F-R1

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQW614 NAIS-AQW614 Datasheet
55Kb / 3P
GU (General Use) Type [2-Channel (Form A Form B) Type]
logo
List of Unclassifed Man...
AQZ404 ETC-AQZ404 Datasheet
73Kb / 4P
POWER PhotoMOS RELAYS 1-channel(Form B)Type
logo
Solid State Optronic
AD4C113 SSOUSA-AD4C113 Datasheet
220Kb / 6P
1 Form A/1 Form B Solid State Relay
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
AD4C333 SSOUSA-AD4C333 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
M222 SSOUSA-M222 Datasheet
136Kb / 4P
1 Form B Solid State Relay
logo
Siemens Semiconductor G...
LH1521 SIEMENS-LH1521 Datasheet
172Kb / 13P
Dual 1 Form B
LH1501 SIEMENS-LH1501 Datasheet
69Kb / 5P
1 Form B
logo
Solid State Optronic
AD4C213 SSOUSA-AD4C213_15 Datasheet
358Kb / 9P
1 Form A / 1 Form B Integrated in 1 Package
AD4C743 SSOUSA-AD4C743 Datasheet
358Kb / 9P
1 Form A / 1 Form B Integrated in Single Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com