Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3398 Datasheet (PDF) - Adafruit Industries

3398 Datasheet PDF - Adafruit Industries
Part # 3398
Download  3398 Download
File Size   117.6 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Keyboard with Blue-type Mechanical Switches and LED Backlights - 87-Key

3398 Datasheet (PDF)

Go To PDF Page Download Datasheet
3398 Datasheet PDF - Adafruit Industries

Part # 3398
Download  3398 Click to download

File Size   117.6 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Keyboard with Blue-type Mechanical Switches and LED Backlights - 87-Key

3398 Datasheet (HTML) - Adafruit Industries


3398 Product details

o Mechanical "blue-type" (tactile click) switches, similar performance and feeling to the Cherry MX
Blue
o Compatible with Cherry MX style keycaps
o USB full speed 2.0; supports 1000 Hz real report rate
o Full keyboard anti-ghosting (all keys have response)
o Double injection keycaps with translucent legends
o Aluminum plate
o Compatible with Windows, Linux, MacOS X, and many other systems - pretty much anything that
has a USB keyboard port!
o Multiple pre-set LED backlight modes
o Adjustable feet for different angles




Similar Part No. - 3398

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3398 ETC-3398 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3398 HEYCO-3398 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
Motorola, Inc
33981 MOTOROLA-33981 Datasheet
469Kb / 24P
High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
logo
Freescale Semiconductor...
33981 FREESCALE-33981 Datasheet
4Mb / 37P
Single High Side Switch
logo
NXP Semiconductors
33981 NXP-33981 Datasheet
3Mb / 51P
Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
More results


Similar Description - 3398

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3WN ETC-B3WN Datasheet
121Kb / 3P
Mechanical Key Switch
logo
ITT Industries
MDAG04 ITT-MDAG04 Datasheet
43Kb / 2P
MD and MDP Key Switches
logo
fujitsu semiconductor
FKB8729 FUJITSU-FKB8729 Datasheet
449Kb / 8P
STANDARD KEYBOARD 104/105-Key Keyboard
logo
Omron Electronics LLC
B3F OMRON-B3F Datasheet
328Kb / 5P
Mechanical Key Switch
logo
List of Unclassifed Man...
BR02XXX ETC2-BR02XXX Datasheet
476Kb / 3P
LED Backlights
logo
Cherry Semiconductor Co...
J84-4300 CHERRY-J84-4300 Datasheet
71Kb / 2P
J84-4300 Wipe-key Keyboard
logo
Copal Electronics
MRK COPAL-MRK Datasheet
1Mb / 8P
Key Switches
MRKC1052B-C-10 COPAL-MRKC1052B-C-10 Datasheet
391Kb / 2P
Key Switches
logo
SHENZHEN FUMAN ELECTRON...
SC1808D FUMAN-SC1808D Datasheet
176Kb / 1P
8-key keyboard
logo
Banner Engineering Corp...
LEDIB70X70M BANNER-LEDIB70X70M Datasheet
162Kb / 3P
LED..B..M Series Backlights
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com