Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1015AI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1015AI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1015AI
Download  AOZ1015AI Download
File Size   722.95 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck??1.5A Synchronous Buck Regulator

AOZ1015AI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1015AI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1015AI
Download  AOZ1015AI Click to download

File Size   722.95 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck??1.5A Synchronous Buck Regulator

AOZ1015AI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ1015AI Product details

General Description

The AOZ1015 is a high efficiency, simple to use, 1.5A buck regulator. The AOZ1015 works from a 4.5V to 16V input voltage range, and provides up to 1.5A of continuous output current with an output voltage adjustable down to 0.8V. The AOZ1015 comes in an SO-8 package and is rated

over a -40°C to +85°C ambient temperature range.



Features

●4.5V to 16V operating input voltage range

●130mΩ internal PFET switch for high efficiency: up to 95%

●Internal Schottky diode

●Internal soft start

●Output voltage adjustable to 0.8V

●1.5A continuous output current

●Fixed 500kHz PWM operation

●Cycle-by-cycle current limit

●Short-circuit protection

●Under voltage lockout

●Output over voltage protection

●Thermal shutdown

●Small size SO-8 package




Similar Part No. - AOZ1015AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1015-EVA AOSMD-AOZ1015-EVA Datasheet
203Kb / 4P
EZBuck??1.5A Simple Buck Regulator Evaluation Board Note
More results


Similar Description - AOZ1015AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1021 AOSMD-AOZ1021 Datasheet
3Mb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1024D AOSMD-AOZ1024D Datasheet
743Kb / 16P
EZBuck??4A Synchronous Buck Regulator
AOZ1021AI AOSMD-AOZ1021AI Datasheet
541Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1034 AOSMD-AOZ1034 Datasheet
703Kb / 18P
EZBuck??4A Synchronous Buck Regulator
AOZ1253 AOSMD-AOZ1253 Datasheet
562Kb / 13P
3A EZBuck??Synchronous Buck Regulator
AOZ1254 AOSMD-AOZ1254 Datasheet
560Kb / 13P
4A EZBuck??Synchronous Buck Regulator
AOZ1022DI AOSMD-AOZ1022DI Datasheet
842Kb / 17P
EZBuck??3A Synchronous Buck Regulator
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
EZBuck??5A Synchronous Buck Regulator
AOZ1073 AOSMD-AOZ1073 Datasheet
462Kb / 15P
EZBuck 3A Synchronous Buck Regulator
AOZ3054DI AOSMD-AOZ3054DI Datasheet
1Mb / 14P
EZBuck 6A Synchronous Buck Regulator
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com