Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL750L05CLPR.A Datasheet (PDF) - Texas Instruments

TL750L05CLPR.A Datasheet PDF - Texas Instruments
Part # TL750L05CLPR.A
Download  TL750L05CLPR.A Download
File Size   1051.67 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-DROPOUT VOLTAGE REGULATORS

TL750L05CLPR.A Datasheet (PDF)

Go To PDF Page Download Datasheet
TL750L05CLPR.A Datasheet PDF - Texas Instruments

Part # TL750L05CLPR.A
Download  TL750L05CLPR.A Click to download

File Size   1051.67 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-DROPOUT VOLTAGE REGULATORS

TL750L05CLPR.A Datasheet (HTML) - Texas Instruments


TL750L05CLPR.A Product details

1FEATURES
• Very Low Dropout Voltage, Less Than 0.6 V at
150 mA
• Very Low Quiescent Current
• TTL- and CMOS-Compatible Enable on TL751L
Series
• 60-V Load-Dump Protection
• Reverse Transient Protection Down to –50 V
• Internal Thermal-Overload Protection
• Overvoltage Protection
• Internal Overcurrent-Limiting Circuitry
• Less Than 500-μA Disable (TL751L Series)

DESCRIPTION/ORDERING INFORMATION
The TL750L and TL751L series of fixed-output voltage regulators offer 5-V, 8-V, 10-V, and 12-V options. The
TL751L series also has an enable (ENABLE) input. When ENABLE is high, the regulator output is placed in the
high-impedance state. This gives the designer complete control over power up, power down, or emergency
shutdown.
The TL750L and TL751L series are low-dropout positive-voltage regulators specifically designed for
battery-powered systems. These devices incorporate overvoltage and current-limiting protection circuitry, along
with internal reverse-battery protection circuitry to protect the devices and the regulated system. The series is
fully protected against 60-V load-dump and reverse-battery conditions. Extremely low quiescent current during
full-load conditions makes these devices ideal for standby power systems.




Similar Part No. - TL750L05CLPR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L05CLPR TI-TL750L05CLPR Datasheet
124Kb / 18P
LOW-DROPOUT VOLTAGE REGULATORS
TL750L05CLPR TI-TL750L05CLPR Datasheet
521Kb / 20P
LOW-DROPOUT VOLTAGE REGULATORS
TL750L05CLPR TI-TL750L05CLPR Datasheet
923Kb / 26P
LOW-DROPOUT VOLTAGE REGULATORS
TL750L05CLPR TI1-TL750L05CLPR Datasheet
1Mb / 29P
LOW-DROPOUT VOLTAGE REGULATORS
TL750L05CLPR TI1-TL750L05CLPR Datasheet
1Mb / 29P
LOW-DROPOUT VOLTAGE REGULATORS
More results


Similar Description - TL750L05CLPR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
LOW-DROPOUT VOLTAGE REGULATORS
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
LOW-DROPOUT VOLTAGE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com