Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL750L05CLPR.A Datasheet(PDF) 4 Page - Texas Instruments

Part # TL750L05CLPR.A
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL750L05CLPR.A Datasheet(HTML) 4 Page - Texas Instruments

  TL750L05CLPR.A Datasheet HTML 1Page - Texas Instruments TL750L05CLPR.A Datasheet HTML 2Page - Texas Instruments TL750L05CLPR.A Datasheet HTML 3Page - Texas Instruments TL750L05CLPR.A Datasheet HTML 4Page - Texas Instruments TL750L05CLPR.A Datasheet HTML 5Page - Texas Instruments TL750L05CLPR.A Datasheet HTML 6Page - Texas Instruments TL750L05CLPR.A Datasheet HTML 7Page - Texas Instruments TL750L05CLPR.A Datasheet HTML 8Page - Texas Instruments TL750L05CLPR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TL750L
TL751L
SLVS017U – SEPTEMBER 1987 – REVISED SEPTEMBER 2009.................................................................................................................................... www.ti.com
TL75xL05 Electrical Characteristics
(1)
VI = 14 V, IO = 10 mA, TJ = 25°C (unless otherwise noted)
TL750L05
TL751L05
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
TJ = 25°C
4.8
5
5.2
Output voltage
VI = 6 V to 26 V, IO = 0 to 150 mA
V
TJ = 0°C to 125°C
4.75
5.25
VI = 9 V to 16 V
5
10
Input regulation voltage
mV
VI = 6 V to 26 V
6
30
Ripple rejection
VI = 8 V to 18 V, f = 120 Hz
60
65
dB
Output regulation voltage
IO = 5 mA to 150 mA
20
50
mV
IO = 10 mA
0.2
Dropout voltage
V
IO = 150 mA
0.6
Output noise voltage
f = 10 Hz to 100 kHz
500
μV
IO = 150 mA
10
12
Quiescent current
VI = 6 V to 26 V, IO = 10 mA, TJ = 0°C to 125°C
1
2
mA
ENABLE
≥ 2 V
0.5
(1)
Pulse-testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal effects
must be taken into account separately. All characteristics are measured with a 0.1-
μF capacitor across the input and a 10-μF capacitor,
with equivalent series resistance of less than 0.4
Ω, across the output.
TL75xL08 Electrical Characteristics
(1)
VI = 14 V, IO = 10 mA, TJ = 25°C (unless otherwise noted)
TL750L08
TL751L08
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
TJ = 25°C
7.68
8
8.32
Output voltage
VI = 9 V to 26 V, IO = 0 to 150 mA
V
TJ = 0°C to 125°C
7.6
8.4
VI = 10 V to 17 V
10
20
Input regulation voltage
mV
VI = 9 V to 26 V
25
50
Ripple rejection
VI = 11 V to 21 V, f = 120 Hz
60
65
dB
Output regulation voltage
IO = 5 mA to 150 mA
40
80
mV
IO = 10 mA
0.2
Dropout voltage
V
IO = 150 mA
0.6
Output noise voltage
f = 10 Hz to 100 kHz
500
μV
IO = 150 mA
10
12
Quiescent current
VI = 9 V to 26 V, IO = 10 mA, TJ = 0°C to 125°C
1
2
mA
ENABLE
≥ 2 V
0.5
(1)
Pulse-testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal effects
must be taken into account separately. All characteristics are measured with a 0.1-
μF capacitor across the input and a 10-μF capacitor,
with equivalent series resistance of less than 0.4
Ω, across the output.
4
Submit Documentation Feedback
Copyright © 1987–2009, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com