Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL750L05CLPR.A Datasheet(PDF) 1 Page - Texas Instruments

Part # TL750L05CLPR.A
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL750L05CLPR.A Datasheet(HTML) 1 Page - Texas Instruments

  TL750L05CLPR.A Datasheet HTML 1Page - Texas Instruments TL750L05CLPR.A Datasheet HTML 2Page - Texas Instruments TL750L05CLPR.A Datasheet HTML 3Page - Texas Instruments TL750L05CLPR.A Datasheet HTML 4Page - Texas Instruments TL750L05CLPR.A Datasheet HTML 5Page - Texas Instruments TL750L05CLPR.A Datasheet HTML 6Page - Texas Instruments TL750L05CLPR.A Datasheet HTML 7Page - Texas Instruments TL750L05CLPR.A Datasheet HTML 8Page - Texas Instruments TL750L05CLPR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TL750L . . . LP PACKAGE
(TO-92, TO-226AA)
(TOP VIEW)
INPUT
COMMON
OUTPUT
OUTPUT
NC
NC
NC
INPUT
NC
COMMON
ENABLE
TL751L . . .P PACKAGE
(TOP VIEW)
8
7
6
5
1
2
3
4
OUTPUT
COMMON
COMMON
NC
INPUT
COMMON
COMMON
ENABLE
TL751L . . . D PACKAGE
(TOP VIEW)
8
7
6
5
1
2
3
4
8
7
6
5
OUTPUT
COMMON
COMMON
NC
INPUT
COMMON
COMMON
NC
TL750L . . . D PACKAGE
(TOP VIEW)
1
2
3
4
TL750L . . . KC PACKAGE
(TOP VIEW)
COMMON
OUTPUT
INPUT
TL750L . . . KCS PACKAGE
(TOP VIEW)
COMMON
OUTPUT
INPUT
TL750L . . . KTE PACKAGE
(TOP VIEW)
OUTPUT
COMMON
INPUT
OUTPUT
COMMON
INPUT
TL750L . . . KVU PACKAGE
(TOP VIEW)
TL750L . . . KTT PACKAGE
(TOP VIEW)
OUTPUT
COMMON
INPUT
NC – No internal connection
NC – No internal connection
NC – No internal connection
TL750L
TL751L
www.ti.com.................................................................................................................................... SLVS017U – SEPTEMBER 1987 – REVISED SEPTEMBER 2009
LOW-DROPOUT VOLTAGE REGULATORS
1
FEATURES
•
Very Low Dropout Voltage, Less Than 0.6 V at
•
Reverse Transient Protection Down to –50 V
150 mA
•
Internal Thermal-Overload Protection
•
Very Low Quiescent Current
•
Overvoltage Protection
•
TTL- and CMOS-Compatible Enable on TL751L
•
Internal Overcurrent-Limiting Circuitry
Series
•
Less Than 500-
μA Disable (TL751L Series)
•
60-V Load-Dump Protection
DESCRIPTION/ORDERING INFORMATION
The TL750L and TL751L series of fixed-output voltage regulators offer 5-V, 8-V, 10-V, and 12-V options. The
TL751L series also has an enable (ENABLE) input. When ENABLE is high, the regulator output is placed in the
high-impedance state. This gives the designer complete control over power up, power down, or emergency
shutdown.
The TL750L and TL751L series are low-dropout positive-voltage regulators specifically designed for
battery-powered systems. These devices incorporate overvoltage and current-limiting protection circuitry, along
with internal reverse-battery protection circuitry to protect the devices and the regulated system. The series is
fully protected against 60-V load-dump and reverse-battery conditions. Extremely low quiescent current during
full-load conditions makes these devices ideal for standby power systems.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1987–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TL750L05CLPR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L05CLPR TI-TL750L05CLPR Datasheet
124Kb / 18P
LOW-DROPOUT VOLTAGE REGULATORS
TL750L05CLPR TI-TL750L05CLPR Datasheet
521Kb / 20P
LOW-DROPOUT VOLTAGE REGULATORS
TL750L05CLPR TI-TL750L05CLPR Datasheet
923Kb / 26P
LOW-DROPOUT VOLTAGE REGULATORS
TL750L05CLPR TI1-TL750L05CLPR Datasheet
1Mb / 29P
LOW-DROPOUT VOLTAGE REGULATORS
TL750L05CLPR TI1-TL750L05CLPR Datasheet
1Mb / 29P
LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TL750L05CLPR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
LOW-DROPOUT VOLTAGE REGULATORS
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com