Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL750L05CLPR.A Datasheet(PDF) 27 Page - Texas Instruments

Part # TL750L05CLPR.A
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL750L05CLPR.A Datasheet(HTML) 27 Page - Texas Instruments

Back Button TL750L05CLPR.A Datasheet HTML 20Page - Texas Instruments TL750L05CLPR.A Datasheet HTML 21Page - Texas Instruments TL750L05CLPR.A Datasheet HTML 22Page - Texas Instruments TL750L05CLPR.A Datasheet HTML 23Page - Texas Instruments TL750L05CLPR.A Datasheet HTML 24Page - Texas Instruments TL750L05CLPR.A Datasheet HTML 25Page - Texas Instruments TL750L05CLPR.A Datasheet HTML 26Page - Texas Instruments TL750L05CLPR.A Datasheet HTML 27Page - Texas Instruments TL750L05CLPR.A Datasheet HTML 28Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
20X (0.98)
20X (1.13)
(R0.05)
2X (2.75)
2X (1)
(4.58)
(1.33) TYP
(1.18) TYP
(0.14)
(4.2)
TO-252 - 2.52 mm max height
KVU0003A
TO-252
4218915/A 02/2017
PKG
NOTES: (continued)
7. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
8. Board assembly site may have different recommendations for stencil design.
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
EXPOSED PAD
65% PRINTED SOLDER COVERAGE BY AREA
SCALE:8X
SYMM
3
1
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com