Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS25810 Datasheet (PDF) - Texas Instruments

TPS25810 Datasheet PDF - Texas Instruments
Part # TPS25810
Download  TPS25810 Download
File Size   1025.93 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection

TPS25810 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS25810 Datasheet PDF - Texas Instruments

Part # TPS25810
Download  TPS25810 Click to download

File Size   1025.93 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection

TPS25810 Datasheet (HTML) - Texas Instruments


TPS25810 Product details

1 Features
1• USB Type-C Rev. 1.2 Compliant DFP Controller
• Connector Attach/Detach Detection
• STD/1.5-A/3-A Capability Advertisement on CC
• Super Speed Polarity Determination
• VBUS Application and Discharge
• VCONN Application to Electronically Marked Cable
• Audio and Debug Accessory Identification
• 0.7-μA (typ) IDDQ When Port Unattached
• Three Input Supply Options
– IN1: USB Charging Supply
– IN2: VCONN Supply
– AUX: Device Power Supply
• Power Wake Supports Low Power in System
Hibernate (S4) and OFF (S5) Power States
• 34-mΩ (typ) High-Side MOSFET
• 1.7/3.4-A ILimit (±7.1%) - Programmable
• Port Power Management Enables Power
Resource Optimization Across Multi-Ports
• Package: 20-Pin WQFN (3 x 4) (1)
• UL Listed – File No. E169910

2 Applications
• USB Type C Host Port in Notebook for Sleep
Charging
• LCD Monitor/Docking Station and Charging
Cradles
• Type C USB Wall Chargers

3 Description
The TPS25810 is a USB Type-C Downstream Facing
Port (DFP) controller with an integrated 3-A rated
USB power switch. The TPS25810 monitors the
Type-C Configuration Channel (CC) lines to
determine when an USB device is attached. If an
Upstream Facing Port (UFP) device is attached, the
TPS25810 applies power to VBUS and communicates
the selectable VBUS current sourcing capability to the
UFP via the passthrough CC line. If the UFP is
attached using an electronically marked cable, the
TPS25810 also applies VCONN power to the cable CC
pin. The TPS25810 also identifies when Type-C
audio or debug accessories are attached.
The TPS25810 draws less than 0.7 uA (typ) when no
device is attached. Additional system power saving is
achievable in S4/S5 system power states by using
the UFP output to disable the high power 5-V supply
when no UFP is attached. In this mode the device is
capable of running from an auxiliary supply (AUX)
which can be a lower voltage supply (3.3 V), typically
powering the system uC in low power states (S4/S5).
The TPS25810 34-mΩ power switch has two
selectable fixed current limits that align with the Type-
C current levels. The FAULT output signals when the
switch is in an over current or over temperature
condition. The LD_DET output controls power
management to multiple high current Type-C ports in
an environment where all ports cannot simultaneously
provide high current (3 A).




Similar Part No. - TPS25810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25810 TI1-TPS25810 Datasheet
1Mb / 36P
TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810 TI1-TPS25810 Datasheet
1Mb / 38P
USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810 TI1-TPS25810 Datasheet
734Kb / 37P
USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810 TI1-TPS25810 Datasheet
1Mb / 39P
USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810 TI2-TPS25810 Datasheet
1,014Kb / 42P
TPS25810-Q1 USB Type-C DFP Controller and Power Switch With Load Detection
NOVEMBER 2016
More results


Similar Description - TPS25810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
USB Charging Port Controller and Power Switch with Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
USB Charging Port Controller and Power Switch with Load Detection
TPS25810 TI1-TPS25810_15 Datasheet
1Mb / 36P
TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
USB-Charging Port Controller and Power Switch With Load Detection
TPS25810 TI1-TPS25810_16 Datasheet
1Mb / 38P
USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810-Q1 TI1-TPS25810-Q1 Datasheet
734Kb / 37P
USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810-Q1 TI1-TPS25810-Q1_17 Datasheet
1Mb / 39P
USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810A-Q1 TI1-TPS25810A-Q1 Datasheet
688Kb / 35P
USB Type-C DFP Controller and Power Switch With Digital Cable Compensation
logo
Diodes Incorporated
AP25810LQ DIODES-AP25810LQ Datasheet
1Mb / 25P
USB TYPE-C DFP CONTROLLER AND POWER SWITCH WITH LOAD DETECTION
October 2022 Rev. 3 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com