Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS25810 Datasheet (PDF) - Texas Instruments

TPS25810 Datasheet PDF - Texas Instruments
Part # TPS25810
Download  TPS25810 Download
File Size   1014.36 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS25810-Q1 USB Type-C DFP Controller and Power Switch With Load Detection

TPS25810 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS25810 Datasheet PDF - Texas Instruments

Part # TPS25810
Download  TPS25810 Click to download

File Size   1014.36 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS25810-Q1 USB Type-C DFP Controller and Power Switch With Load Detection

TPS25810 Datasheet (HTML) - Texas Instruments


TPS25810 Product details

1 Features
1• USB Type-C Rev. 1.2 Compliant DFP Controller
• Connector Attach or Detach Detection
• STD, 1.5-A, or 3-A Capability Advertisement on
CC
• Super-Speed Polarity Determination
• VBUS Application and Discharge
• VCONN Application to Electronically Marked Cable
• Audio and Debug Accessory Identification
• 0.7-μA (typ) IDDQ When Port Is Unattached
• Three Input Supply Options
– IN1: USB Charging Supply
– IN2: VCONN Supply
– AUX: Device Power Supply
• Power Wake Supports Low Power in System
Hibernate (S4) and OFF (S5) Power States
• 34-mΩ (typ) High-Side MOSFET
• Programmable 1.7-A or 3.4-A ILIM (±7.1%)
• Port Power Management Enables Power
Resource Optimization Across Multiple Ports
• Package: 20-Pin WQFN (3 x 4) (1)

2 Applications
• Automotive Infotainment Systems
• Automotive Back-seat USB Charging

3 Description
The TPS25810-Q1 device is a USB Type-C
downstream-facing port (DFP) controller with an
integrated 3-A rated USB power switch. The
TPS25810-Q1 device monitors the Type-C
configuration channel (CC) lines to determine when a
USB device is attached. If an upstream-facing port
(UFP) device is attached, the TPS25810-Q1 device
applies power to VBUS and communicates the
selectable VBUS current-sourcing capability to the
UFP via the pass-through CC line. If the UFP is
attached using an electronically marked cable, the
TPS25810‑Q1 device also applies VCONN power to
the cable CC pin. The TPS25810-Q1 device also
identifies when Type-C audio or debug accessories
are attached.
The TPS25810-Q1 device draws less than 0.7 μA
(typ) when no device is attached. Additional system
power saving is achievable in the S4 and S5 system
power states by using the UFP output to disable the
high-power 5-V supply when no UFP is attached. In
this mode, the device is capable of running from an
auxiliary supply (AUX), which can be a lower-voltage
supply (3.3 V), typically powering the system μC in
low-power states (S4 and S5).
The TPS25810-Q1 34-mΩ power switch has two
selectable fixed-current limits that align with the
Type‑C current levels. The FAULT output signals
when the switch is in an overcurrent or
overtemperature condition. The LD_DET output
controls power management to multiple high-current
Type-C ports in an environment where all ports
cannot simultaneously provide high current (3 A).




Similar Part No. - TPS25810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25810 TI1-TPS25810 Datasheet
1Mb / 36P
TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810 TI1-TPS25810 Datasheet
1Mb / 38P
USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810 TI1-TPS25810 Datasheet
734Kb / 37P
USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810 TI1-TPS25810 Datasheet
1Mb / 39P
USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810 TI2-TPS25810 Datasheet
1Mb / 39P
TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
REVISED JULY 2017
More results


Similar Description - TPS25810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
USB Charging Port Controller and Power Switch with Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
USB Charging Port Controller and Power Switch with Load Detection
TPS25810 TI1-TPS25810_15 Datasheet
1Mb / 36P
TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
USB-Charging Port Controller and Power Switch With Load Detection
TPS25810 TI1-TPS25810_16 Datasheet
1Mb / 38P
USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810-Q1 TI1-TPS25810-Q1 Datasheet
734Kb / 37P
USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810-Q1 TI1-TPS25810-Q1_17 Datasheet
1Mb / 39P
USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810A-Q1 TI1-TPS25810A-Q1 Datasheet
688Kb / 35P
USB Type-C DFP Controller and Power Switch With Digital Cable Compensation
logo
Diodes Incorporated
AP25810LQ DIODES-AP25810LQ Datasheet
1Mb / 25P
USB TYPE-C DFP CONTROLLER AND POWER SWITCH WITH LOAD DETECTION
October 2022 Rev. 3 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com