Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4053B Datasheet (PDF) - Texas Instruments

CD4053B Datasheet PDF - Texas Instruments
Part # CD4053B
Download  CD4053B Download
File Size   1084.09 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CD4053B-Q1 Automotive CMOS Single 8-Channel Analog Multiplexer or Demultiplexer with Logic-Level Conversion

CD4053B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4053B Datasheet PDF - Texas Instruments

Part # CD4053B
Download  CD4053B Click to download

File Size   1084.09 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CD4053B-Q1 Automotive CMOS Single 8-Channel Analog Multiplexer or Demultiplexer with Logic-Level Conversion

CD4053B Datasheet (HTML) - Texas Instruments


CD4053B Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –45°C to +125°C, TA
• Wide range of digital and analog signal levels:
– Digital: 3V to 20V
– Analog: ≤ 20VP-P
• Low ON resistance, 125Ω (typical) over 15VP-P
signal input range for VDD – VEE = 18V
• High OFF resistance, channel leakage of ±100pA
(typical) at VDD – VEE = 18V
• Logic-level conversion for digital addressing
signals of 3V to 20V (VDD – VSS = 3V to 20V)
to switch analog signals to 20VP-P (VDD – VEE
= 20V) matched switch characteristics, rON = 5Ω
(typical) for VDD – VEE = 15V very low quiescent
power dissipation under all digital-control input and
supply conditions, 0.2μW (typical) at VDD – VSS =
VDD – VEE = 10V
• Binary address decoding on chip
• 5V, 10V, and 15V parametric ratings
• 100% tested for quiescent current at 20V
• Maximum input current of 1μA at 18V over full
package temperature range, 100nA at 18V and
25°C
• Break-before-make switching eliminates channel
overlap
• Pin compatible with Industry Standard 4053
Multiplexers

2 Applications
• Analog and digital multiplexing and demultiplexing
• Analog to digital and digital to analog conversion
• Signal gating
• Factory automation
• Televisions
• Appliances
• Consumer audio
• Programmable logic circuits
• Sensors

3 Description
The CD4053B-Q1 analog multiplexers and
demultiplexers are digitally-controlled analog switches
having low ON impedance and very low OFF leakage
current. These multiplexer circuits dissipate extremely
low quiescent power over the full VDD – VSS and VDD
– VEE supply-voltage ranges, independent of the logic
state of the control signals.




Similar Part No. - CD4053B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4053B TI-CD4053B Datasheet
430Kb / 20P
CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Harris Corporation
CD4053B HARRIS-CD4053B Datasheet
146Kb / 15P
CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Texas Instruments
CD4053B TI-CD4053B Datasheet
683Kb / 25P
CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4053B TI-CD4053B Datasheet
1Mb / 28P
Data sheet acquired from Harris Semiconductor
CD4053B TI1-CD4053B Datasheet
1Mb / 38P
CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
More results


Similar Description - CD4053B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4051 STMICROELECTRONICS-M74HC4051 Datasheet
232Kb / 12P
SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Jul-2001
M74HCT4051 STMICROELECTRONICS-M74HCT4051 Datasheet
309Kb / 14P
SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Mar-2003
M74HC4051 STMICROELECTRONICS-M74HC4051_08 Datasheet
361Kb / 17P
Single 8-channel analog multiplexer/demultiplexer
21-Apr-2008
HCF4051B STMICROELECTRONICS-HCF4051B_02 Datasheet
543Kb / 10P
SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Oct-2002
logo
Toshiba Semiconductor
TC74VHC4051AF TOSHIBA-TC74VHC4051AF_12 Datasheet
263Kb / 13P
8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4052BCMX FAIRCHILD-CD4052BCMX Datasheet
145Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1_15 Datasheet
1Mb / 25P
SN74LV4051A-Q1 8-Channel Analog Multiplexer/Demultiplexer
CD4051B TI1-CD4051B_15 Datasheet
1Mb / 38P
CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
CD4051B TI-CD4051B_V01 Datasheet
1Mb / 48P
CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED MARCH 2023
CD4051B TI1-CD4051B_V02 Datasheet
1Mb / 42P
CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED SEPTEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com