Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4053B Datasheet(PDF) 8 Page - Texas Instruments

Part # CD4053B
Description  CD4053B-Q1 Automotive CMOS Single 8-Channel Analog Multiplexer or Demultiplexer with Logic-Level Conversion
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD4053B Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD4053B Datasheet HTML 4Page - Texas Instruments CD4053B Datasheet HTML 5Page - Texas Instruments CD4053B Datasheet HTML 6Page - Texas Instruments CD4053B Datasheet HTML 7Page - Texas Instruments CD4053B Datasheet HTML 8Page - Texas Instruments CD4053B Datasheet HTML 9Page - Texas Instruments CD4053B Datasheet HTML 10Page - Texas Instruments CD4053B Datasheet HTML 11Page - Texas Instruments CD4053B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Over operating free-air temperature range, VSUPPLY = ±5 V, and RL = 100 Ω, (unless otherwise noted) (1)
PARAMETER
TEST CONDITIONS
MIN TYP MAX UNIT
CONTROL (ADDRESS OR INHIBIT), VC - CDIP, PDIP, SOIC and SOP Packages
Input Low Voltage, VIL, (Max)
5 V
–55°C
1.5
V
–40°C
1.5
25°C
1.5
85°C
1.5
125°C
1.5
10 V
–55°C
3
–40°C
3
25°C
3
85°C
3
125°C
3
15 V
–55°C
4
–40°C
4
25°C
4
85°C
4
125°C
4
Input High Voltage, VIH, (Min)
5 V
–55°C
3.5
V
–40°C
3.5
25°C
3.5
85°C
3.5
125°C
3.5
10 V
–55°C
7
–40°C
7
25°C
7
85°C
7
125°C
7
15 V
–55°C
11
–40°C
11
25°C
11
85°C
11
125°C
11
Input current, IIN (Max)
VIN = 0, 18
18 V
–55°C
± 0.1
µA
–40°C
± 0.1
25°C
±10-5 ± 0.1
85°C
± 1
125°C
± 1
Propa
gation
Delay
Time
Address-to-Signal OUT
(Channels ON
or OFF) (See Figure 10, Figure
11,
and Figure 15)
tr , tf = 20ns,
CL = 50 pF,
RL = 10 kΩ
0 V
0 V
5 V
450
720
ns
0 V
0 V
10 V
160
320
0 V
0 V
15 V
120
240
–5 V
0 V
5 V
225
450
Propa
gation
Delay
Time
Inhibit-to-Signal OUT (Channel
Turning ON) (See Figure 11)
tr , tf = 20
ns,
CL = 50 pF,
RL = 1 kΩ
0 V
0 V
5 V
400
720
ns
0 V
0 V
10 V
160
320
0 V
0 V
15 V
120
240
–10 V
0 V
5 V
200
400
CD4053B-Q1
SCHS469 – MARCH 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com