Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4053B Datasheet(PDF) 11 Page - Texas Instruments

Part # CD4053B
Description  CD4053B-Q1 Automotive CMOS Single 8-Channel Analog Multiplexer or Demultiplexer with Logic-Level Conversion
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD4053B Datasheet(HTML) 11 Page - Texas Instruments

Back Button CD4053B Datasheet HTML 7Page - Texas Instruments CD4053B Datasheet HTML 8Page - Texas Instruments CD4053B Datasheet HTML 9Page - Texas Instruments CD4053B Datasheet HTML 10Page - Texas Instruments CD4053B Datasheet HTML 11Page - Texas Instruments CD4053B Datasheet HTML 12Page - Texas Instruments CD4053B Datasheet HTML 13Page - Texas Instruments CD4053B Datasheet HTML 14Page - Texas Instruments CD4053B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
5.7 Typical Characteristics
105
10
10
10
4
3
V
= 15V
DD
V
= 10V
DD
V
= 5V
DD
T = 25 C
A
o
ALTERNATING “O”
C = 50pF
L
AND “I” PATTERN
C = 15pF
L
10
10
10
2
2
10
10
10
SWITCHING FREQUENCY (kHz)
3
4
5
Ι
TEST CIRCUIT
VDD
9
3
5
10
11
6
7
8
14
15
1
2
13
12
4
f
100
Ω
100
Ω
1
CD4053B-Q1
Figure 5-1. Dynamic Power Dissipation vs Switching Frequency (CD4053B-Q1)
www.ti.com
CD4053B-Q1
SCHS469 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com