Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4053B Datasheet(PDF) 20 Page - Texas Instruments

Part # CD4053B
Description  CD4053B-Q1 Automotive CMOS Single 8-Channel Analog Multiplexer or Demultiplexer with Logic-Level Conversion
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD4053B Datasheet(HTML) 20 Page - Texas Instruments

Back Button CD4053B Datasheet HTML 16Page - Texas Instruments CD4053B Datasheet HTML 17Page - Texas Instruments CD4053B Datasheet HTML 18Page - Texas Instruments CD4053B Datasheet HTML 19Page - Texas Instruments CD4053B Datasheet HTML 20Page - Texas Instruments CD4053B Datasheet HTML 21Page - Texas Instruments CD4053B Datasheet HTML 22Page - Texas Instruments CD4053B Datasheet HTML 23Page - Texas Instruments CD4053B Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
8.4 Layout
8.4.1 Layout Guidelines
Reflections and matching are closely related to loop antenna theory, but different enough to warrant their
own discussion. When a PCB trace turns a corner at a 90° angle, a reflection can occur. This reflection is
primarily due to the change of width of the trace. At the apex of the turn, the trace width is increased to 1.414
times its width. This upsets the transmission line characteristics, especially the distributed capacitance and
self–inductance of the trace — resulting in the reflection. It is a given that not all PCB traces can be straight, and
so they will have to turn corners. Figure 8-3 shows progressively better techniques of rounding corners. Only the
last example maintains constant trace width and minimizes reflections.
8.4.2 Layout Example
WORST
BETTER
BEST
1W min.
W
Figure 8-3. Trace Example
CD4053B-Q1
SCHS469 – MARCH 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com