Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4053B Datasheet(PDF) 16 Page - Texas Instruments

Part # CD4053B
Description  CD4053B-Q1 Automotive CMOS Single 8-Channel Analog Multiplexer or Demultiplexer with Logic-Level Conversion
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD4053B Datasheet(HTML) 16 Page - Texas Instruments

Back Button CD4053B Datasheet HTML 12Page - Texas Instruments CD4053B Datasheet HTML 13Page - Texas Instruments CD4053B Datasheet HTML 14Page - Texas Instruments CD4053B Datasheet HTML 15Page - Texas Instruments CD4053B Datasheet HTML 16Page - Texas Instruments CD4053B Datasheet HTML 17Page - Texas Instruments CD4053B Datasheet HTML 18Page - Texas Instruments CD4053B Datasheet HTML 19Page - Texas Instruments CD4053B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
7.2 Functional Block Diagrams
11
10
9
6
A
B
C
INH
12
3
5
1
2
13
TG
TG
TG
TG
TG
TG
4
COMMON
OUT/IN
ax
ay
bx
by
cx
cy
8
7
V
V
SS
EE
16 V
IN/OUT
DD
15
14
BINARY TO
1 OF 2
DECODERS
WITH
INHIBIT
LOGIC
LEVEL
CONVERSION
VDD
COMMON
OUT/IN
COMMON
OUT/IN
ax OR ay
bx OR by
cx OR cy
All inputs are protected by standard CMOS protection network.
Figure 7-1. Functional Block Diagram, CD4053B-Q1
7.3 Feature Description
The CD4053B-Q1 line of multiplexers and demultiplexers can accept a wide range of digital and analog signal
levels. Digital signals range from 3V to 20V, and analog signals are accepted at levels ≤ 20V. The devices have
low ON resistance, typically 125Ω over 15VP-P signal input range for VDD – VEE = 18V. This feature allows for
very little signal loss through the switch.
The CD4053B-Q1 devices also have high OFF resistance, which keeps from the devices from wasting power
when the switch is in the OFF position, with typical channel leakage of ±100pA at VDD – VEE = 18V.
Binary address decoding on the chip makes channel selection simple. When channels are changed, a break-
before-make system eliminates channel overlap.
CD4053B-Q1
SCHS469 – MARCH 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com