Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4053B Datasheet(PDF) 18 Page - Texas Instruments

Part # CD4053B
Description  CD4053B-Q1 Automotive CMOS Single 8-Channel Analog Multiplexer or Demultiplexer with Logic-Level Conversion
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD4053B Datasheet(HTML) 18 Page - Texas Instruments

Back Button CD4053B Datasheet HTML 14Page - Texas Instruments CD4053B Datasheet HTML 15Page - Texas Instruments CD4053B Datasheet HTML 16Page - Texas Instruments CD4053B Datasheet HTML 17Page - Texas Instruments CD4053B Datasheet HTML 18Page - Texas Instruments CD4053B Datasheet HTML 19Page - Texas Instruments CD4053B Datasheet HTML 20Page - Texas Instruments CD4053B Datasheet HTML 21Page - Texas Instruments CD4053B Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The CD4053B-Q1 multiplexers and demultiplexers can be used for a wide variety of applications.
8.2 Typical Application
One application of the CD4053B-Q1 is to use it in conjunction with a microcontroller to poll a keypad. Figure
8-1 shows the basic schematic for such a polling system. The microcontroller uses the channel select pins
to cycle through the different channels while reading the input to see if a user is pressing any of the keys.
This application is a very robust setup, allowing for multiple simultaneous key-presses with very little power
consumption. This setup also uses very few pins on the microcontroller. The down side of polling is that the
microcontroller must continually scan the keys for a press and can do little else during this process.
CD4053B-Q1
INH
A
B
C
C B A
X X 0
ax
ay
bx
by
cx
cy
X X 1
X 0 X
X 1 X
0 X X
1 X X
VDD
5V
VEE
VSS
a
b
c
Microcontroller
Inputs
Channel Select
3.3V
Figure 8-1. The CD4053B-Q1 Being Used to Help Read Button Presses on a Keypad
8.2.1 Design Requirements
These devices use CMOS technology and have balanced output drive. Take care to avoid bus contention
because it can drive currents that would exceed maximum limits. The high drive will also create fast edges into
light loads, so routing and load conditions should be considered to prevent ringing.
8.2.2 Detailed Design Procedure
1. Recommended Input Conditions:
• For switch time specifications, see propagation delay times in Section 5.5.
• Inputs should not be pushed more than 0.5V above VDD or below VEE.
• For input voltage level specifications for control inputs, see VIH and VIL in Section 5.5.
2. Recommended Output Conditions:
• Outputs should not be pulled above VDD or below VEE.
3. Input or output current consideration:
• The CD405xB-Q1 series of parts do not have internal current drive circuitry and thus cannot sink or
source current. Any current will be passed through the device.
CD4053B-Q1
SCHS469 – MARCH 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com