Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4053B Datasheet(PDF) 12 Page - Texas Instruments

Part # CD4053B
Description  CD4053B-Q1 Automotive CMOS Single 8-Channel Analog Multiplexer or Demultiplexer with Logic-Level Conversion
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD4053B Datasheet(HTML) 12 Page - Texas Instruments

Back Button CD4053B Datasheet HTML 8Page - Texas Instruments CD4053B Datasheet HTML 9Page - Texas Instruments CD4053B Datasheet HTML 10Page - Texas Instruments CD4053B Datasheet HTML 11Page - Texas Instruments CD4053B Datasheet HTML 12Page - Texas Instruments CD4053B Datasheet HTML 13Page - Texas Instruments CD4053B Datasheet HTML 14Page - Texas Instruments CD4053B Datasheet HTML 15Page - Texas Instruments CD4053B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
6 Parameter Measurement Information
V
= 5V
DD
V
= 0V
SS
V
= -7.5V
EE
7
8
(B)
(C)
(D)
(A)
V
= 7.5V
DD
7.5V
16
16
16
16
7
8
7
8
V
= 5V
DD
V
= 15V
DD
V
= 0V
SS
V
= 0V
EE
7
8
5V
EE
V
= -10V
V
= 0V
SS
V
= 0V
SS
5V
EE
V
= -5V
Figure 6-1. Typical Bias Voltages
Note
The ADDRESS (digital-control inputs) and INHIBIT logic levels are: 0 = VSS and 1 = VDD. The analog
signal (through the TG) may swing from VEE to VDD.
t = 20ns
f
10%
10%
90%
50%
10%
50%
90%
10%
50%
90%
t = 20ns
r
TURN-OFF TIME
TURN-ON TIME
Figure 6-2. Waveforms, Channel Being Turned ON
(RL = 1kΩ)
t = 20ns
f
10%
90%
50%
10%
50%
90%
10%
90%
t = 20ns
r
TURN-OFF TIME
TURN-ON
tPHZ
TIME
Figure 6-3. Waveforms, Channel Being Turned OFF
(RL = 1kΩ)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IDD
VDD
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IDD
CD4051B-Q1
CD4053B-Q1
Figure 6-4. OFF Channel Leakage Current – Any Channel OFF
CD4053B-Q1
SCHS469 – MARCH 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com