Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4053B Datasheet(PDF) 15 Page - Texas Instruments

Part # CD4053B
Description  CD4053B-Q1 Automotive CMOS Single 8-Channel Analog Multiplexer or Demultiplexer with Logic-Level Conversion
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD4053B Datasheet(HTML) 15 Page - Texas Instruments

Back Button CD4053B Datasheet HTML 11Page - Texas Instruments CD4053B Datasheet HTML 12Page - Texas Instruments CD4053B Datasheet HTML 13Page - Texas Instruments CD4053B Datasheet HTML 14Page - Texas Instruments CD4053B Datasheet HTML 15Page - Texas Instruments CD4053B Datasheet HTML 16Page - Texas Instruments CD4053B Datasheet HTML 17Page - Texas Instruments CD4053B Datasheet HTML 18Page - Texas Instruments CD4053B Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
RF
VM
VDD
OFF
CHANNEL
6
7
8
1K
5VP-P
Figure 6-13. Feed-Through (All Types)
OFF
CHANNEL
R
COMMON
L
ON
CHANNEL
RL
RF
VM
ON
CHANNEL
R
5V
L
P-P
OFF
CHANNEL
RL
RF
VM
Figure 6-14. Crosstalk Between Any Two Channels
(All Types)
5V
RF
P-P
VM
ON OR OFF
CHANNEL IN Y
R
R
L
L
ON OR OFF
CHANNEL IN X
Figure 6-15. Crosstalk Between Duals or Triplets
A
B
E
1/2
CD4556
A
B
C
CD4051B-Q1
INH
A
B
C
CD4051B-Q1
INH
A
B
C
CD4051B-Q1
INH
A
B
C
D
E
Q
Q
Q
0
1
2
COMMON
Figure 6-16. 24-to-1MUX Addressing
7 Detailed Description
7.1 Overview
The CD4053B-Q1 device is a single 8-channel multiplexer having three binary control inputs, A, B, and C, and
an inhibit input. The three binary signals select 1 of 8 channels to be turned on, and connect one of the 8 inputs
to the output.
When this device is used as a demultiplexer, the CHANNEL IN/OUT terminals are the outputs and the
COMMON OUT/IN terminals are the inputs.
www.ti.com
CD4053B-Q1
SCHS469 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com