Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4053B Datasheet(PDF) 19 Page - Texas Instruments

Part # CD4053B
Description  CD4053B-Q1 Automotive CMOS Single 8-Channel Analog Multiplexer or Demultiplexer with Logic-Level Conversion
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD4053B Datasheet(HTML) 19 Page - Texas Instruments

Back Button CD4053B Datasheet HTML 15Page - Texas Instruments CD4053B Datasheet HTML 16Page - Texas Instruments CD4053B Datasheet HTML 17Page - Texas Instruments CD4053B Datasheet HTML 18Page - Texas Instruments CD4053B Datasheet HTML 19Page - Texas Instruments CD4053B Datasheet HTML 20Page - Texas Instruments CD4053B Datasheet HTML 21Page - Texas Instruments CD4053B Datasheet HTML 22Page - Texas Instruments CD4053B Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
8.2.3 Application Curve
-6
-4
-2
0
2
4
6
V , INPUT SIGNAL VOLTAGE (V)
IS
-6
-4
-2
0
2
4
6
V
= 5V
DD
V
= 0V
SS
V
= -5V
EE
T = 25 C
A
o
R = 100k , R = 10k
L
L
Ω
Ω
100
Ω
500
Ω
1k
Ω
Figure 8-2. ON Characteristics for 1 of 8 Channels
8.3 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in the
Section 5.5.
Each VCC terminal should have a good bypass capacitor to prevent power disturbance. For devices with a
single supply, a 0.1μF bypass capacitor is recommended. If there are multiple pins labeled VCC, then a 0.01μF
or 0.022μF capacitor is recommended for each VCC because the VCC pins will be tied together internally. For
devices with dual supply pins operating at different voltages, for example VCC and VDD, a 0.1µF bypass capacitor
is recommended for each supply pin. It is acceptable to parallel multiple bypass capacitors to reject different
frequencies of noise. 0.1μF and 1μF capacitors are commonly used in parallel. The bypass capacitor should be
installed as close to the power terminal as possible for best results.
www.ti.com
CD4053B-Q1
SCHS469 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com