Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4053B Datasheet(PDF) 3 Page - Texas Instruments

Part # CD4053B
Description  CD4053B-Q1 Automotive CMOS Single 8-Channel Analog Multiplexer or Demultiplexer with Logic-Level Conversion
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD4053B Datasheet(HTML) 3 Page - Texas Instruments

  CD4053B Datasheet HTML 1Page - Texas Instruments CD4053B Datasheet HTML 2Page - Texas Instruments CD4053B Datasheet HTML 3Page - Texas Instruments CD4053B Datasheet HTML 4Page - Texas Instruments CD4053B Datasheet HTML 5Page - Texas Instruments CD4053B Datasheet HTML 6Page - Texas Instruments CD4053B Datasheet HTML 7Page - Texas Instruments CD4053B Datasheet HTML 8Page - Texas Instruments CD4053B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
4 Pin Configuration and Functions
1
BY IN/OUT
16
VDD
2
BX IN/OUT
15
BX OR BY OUT/IN
3
CY IN/OUT
14
AX OR AY OUT/IN
4
CX OR CY OUT/IN
13
AY IN/OUT
5
CX IN/OUT
12
AX IN/OUT
6
INH
11
A
7
VEE
10
B
8
VSS
9
C
No t to scale
Figure 4-1. CD4053B-Q1 D or PW Package, (Top View)
Table 4-1. Pin Functions CD4053B-Q1
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
BY IN/OUT
I/O
B channel Y in/out
2
BX IN/OUT
I/O
B channel X in/out
3
CY IN/OUT
I/O
C channel Y in/out
4
CX OR CY
OUT/IN
I/O
C common out/in
5
CX IN/OUT
I/O
C channel X in/out
6
INH
I
Disables all channels. See Table 7-1.
7
VEE
—
Negative power input
8
VSS
—
Ground
9
C
I
Channel select C. See Table 7-1.
10
B
I
Channel select B. See Table 7-1.
11
A
I
Channel select A. See Table 7-1.
12
AX IN/OUT
I/O
A channel X in/out
13
AY IN/OUT
I/O
A channel Y in/out
14
AX OR AY OUT/IN
I/O
A common out/in
15
BX OR BY
OUT/IN
I/O
B common out/in
16
VDD
—
Positive power input
(1)
I = input, O = output
www.ti.com
CD4053B-Q1
SCHS469 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com