Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1232 Datasheet (PDF) - Texas Instruments

ADS1232 Datasheet PDF - Texas Instruments
Part # ADS1232
Download  ADS1232 Download
File Size   1124.71 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS123x 2- and 4-Channel, 24-Bit, Delta-Sigma ADCs for Bridge Sensors

ADS1232 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1232 Datasheet PDF - Texas Instruments

Part # ADS1232
Download  ADS1232 Click to download

File Size   1124.71 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS123x 2- and 4-Channel, 24-Bit, Delta-Sigma ADCs for Bridge Sensors

ADS1232 Datasheet (HTML) - Texas Instruments


ADS1232 Product details

1 Features
• Complete front-end for bridge sensors
• 23.5-bits effective resolution at gain = 1
• 19.2-bits noise-free resolution at gain = 64
• Low-noise PGA
• Selectable gains of 1, 2, 64, and 128
• RMS noise:
– 17nV at 10SPS at gain = 128
– 44nV at 80SPS at gain = 128
• 100dB simultaneous 50Hz and 60Hz rejection
• Flexible clocking:
– Low-drift internal oscillator
– Optional external crystal
• Selectable 10SPS or 80SPS data rates
• Easy ratiometric measurements:
– External voltage reference up to 5V
• Two-channel differential input with internal
temperature sensor (ADS1232)
• Four-channel differential input (ADS1234)
• Two-wire serial interface
• Supply voltage range: 2.7V to 5.3V
• Temperature range: –40°C to +105°C
• Packages: TSSOP-24 (ADS1232) or TSSOP-28
(ADS1234)

2 Applications
• Weigh scales
• PLC weight modules
• Pressure sensors

3 Description
The ADS1232 and ADS1234 (ADS123x) are
precision, 24-bit, analog-to-digital converters (ADCs).
With a low-noise programmable gain amplifier (PGA),
a precision delta-sigma ADC, and internal oscillator.
The ADS123x provides a complete front-end solution
for bridge sensor applications including weigh scales,
strain gauges, and pressure sensors.
An input multiplexer (MUX) accepts either two
(ADS1232) or four (ADS1234) differential inputs. The
ADS1232 also includes a temperature sensor to
monitor ambient temperature. The low-noise PGA has
a selectable gain of 1, 2, 64, or 128, supporting a
full-scale differential input of ±2.5V, ±1.25V, ±39mV, or
±19.5mV.
The delta-sigma ADC provides a maximum of 23.5-
bits effective resolution, and supports two data rates:
10SPS (providing 50Hz and 60Hz rejection) and
80SPS. The ADS123x can be clocked externally
using an oscillator or a crystal, or by the internal
oscillator.
Offset calibration is performed on-demand, and the
ADS123x can be put in a low-power standby mode
or shut off completely in power-down mode. The
ADS123x are operated through simple pin-driven
control—there are no digital registers to program.
Data are output over a two-wire serial interface
that connects directly to the MSP430 and other
microcontrollers.




Similar Part No. - ADS1232

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1232 BURR-BROWN-ADS1232 Datasheet
166Kb / 10P
Ultra Low-Noise, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
ADS1232 TI1-ADS1232 Datasheet
952Kb / 40P
24-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1232IPW TI1-ADS1232IPW Datasheet
653Kb / 34P
24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
ADS1232IPW TI1-ADS1232IPW Datasheet
667Kb / 30P
USER GUIDE
More results


Similar Description - ADS1232

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415 Datasheet
669Kb / 36P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 0; 1/04
logo
Analog Devices
AD7796 AD-AD7796 Datasheet
552Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC for Bridge Sensors
8/06-Rev. 0 to Rev. A.
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_05 Datasheet
574Kb / 36P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
MAX11040K MAXIM-MAX11040K Datasheet
505Kb / 35P
24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
logo
Analog Devices
AD7788 AD-AD7788 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7191 AD-AD7191_17 Datasheet
330Kb / 21P
Sigma-Delta ADC for Bridge Sensors
23-Feb-2017
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com