Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM2 Datasheet (PDF) - Hirose Electric

DM2 Datasheet PDF - Hirose Electric
Part # DM2
Download  DM2 Download
File Size   999.43 Kbytes
Page   6 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description miniSDTM Card Connectors

DM2 Datasheet (PDF)

Go To PDF Page Download Datasheet
DM2 Datasheet PDF - Hirose Electric

Part # DM2
Download  DM2 Click to download

File Size   999.43 Kbytes
Page   6 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description miniSDTM Card Connectors

DM2 Datasheet (HTML) - Hirose Electric


DM2 Product details

Features
1. Extremely small size
Board footprint as well as the length, width and height of the
connector has been reduced in order to minimize use of
valuable space in today’s miniature devices. With the miniSD™
card inserted the overall length is shortest in the industry.
2. Push-in / Push-out card ejection
Inserted card is securely held in place with an approximate
force of 4 N, assuring reliable connection and retention in
the connector, even when subjected to accidental shock.
When pushed again, the card will self-eject to distance of 4
mm, allowing safe removal from the connector.
3. Protection against card loss
Built-in card retention springs will keep the card inserted
when card may be accidentally partially pulled-out.
4. Protection against reverse card insertion
The ejection mechanism is designed not to lock when the card
is inserted in reverse, alerting the user to insert it correctly.
Reverse card insertion will not damage the contacts.
5. Effective grounding and shielding
The VSS contacts connect directly to the metal cover,
assuring superior ground connection (Patents pending.) In
addition, metal cover will connect with the PC board
surface at four points, providing highly effective grounding
and shielding of the connector.
6. Durable, load-resistant construction
While miniature in size and lightweight, the use of metal
cover assures it’s reliable and stable performance.
7. Two-point contact
Two-point contact offers high contact reliability.
8. Built-in card detection switch
The card detection switch is a normally closed, opening
when the card is inserted.
9. RoHS Compliant
All components and materials comply with the requirements
of EU Directive 2002/95/EC.

■Applications
Mobile phones, digital cameras, PDA’s and any other
portable device requiring use of miniSDTM memory card.
*miniSDTM is a trademark of the SD Card Association.




Similar Part No. - DM2

ManufacturerPart #DatasheetDescription
logo
Trifast plc
DM2 - SRA2WA S100 TRFASTENINGS-DM2 - SRA2WA S100 Datasheet
48Kb / 1P
Rectangular Section Spring Washer DIN127B
01.10.15
logo
Mobile Mark, Inc.
DM2-2600-1C-BLK-12 MOBILEMARK-DM2-2600-1C-BLK-12 Datasheet
280Kb / 1P
Surface Mount Antennas WiMAX & Broadband
4/2016
DM2-2600-1C-BLK-12-TM MOBILEMARK-DM2-2600-1C-BLK-12-TM Datasheet
280Kb / 1P
Surface Mount Antennas WiMAX & Broadband
4/2016
DM2-3500 MOBILEMARK-DM2-3500 Datasheet
326Kb / 1P
LOW PROFILE DOME ANTENNA
DM2-3500-3C-WHT-12 MOBILEMARK-DM2-3500-3C-WHT-12 Datasheet
326Kb / 1P
LOW PROFILE DOME ANTENNA
More results


Similar Description - DM2

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
CIM-H32N MITSUMI-CIM-H32N Datasheet
251Kb / 4P
microSD card connectors
CIM-H33N MITSUMI-CIM-H33N Datasheet
111Kb / 2P
microSD card connectors
logo
ALPS ELECTRIC CO.,LTD.
SCHF ALPS-SCHF Datasheet
87Kb / 2P
miniSDTM Card Adapter (for microSD??Card)
logo
Yamaichi Electronics Co...
PS42-44D-2016 YAMAICHI-PS42-44D-2016 Datasheet
224Kb / 5P
Card Edge Connectors
logo
CW Industries
CWR-170-10-0021 CWIND-CWR-170-10-0021 Datasheet
117Kb / 4P
Card Edge Connectors
logo
Hirose Electric
DM3AT-SF-PEJM5 HIROSE-DM3AT-SF-PEJM5 Datasheet
832Kb / 11P
microSD Card Connectors
logo
List of Unclassifed Man...
DM3C-SF ETC2-DM3C-SF Datasheet
832Kb / 11P
microSD Card Connectors
logo
Hirose Electric
DM3 HIROSE-DM3 Datasheet
778Kb / 12P
microSD??Card Connectors
logo
AVX Corporation
6325 AVX-6325 Datasheet
384Kb / 6P
Card Edge Connectors
logo
SHINMEI ELECTRIC CO., L...
SCN-1308-2 SHINMEI-SCN-1308-2 Datasheet
108Kb / 3P
IC card connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com