Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM2 Datasheet(PDF) 2 Page - Hirose Electric

Part # DM2
Description  miniSDTM Card Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DM2 Datasheet(HTML) 2 Page - Hirose Electric

  DM2 Datasheet HTML 1Page - Hirose Electric DM2 Datasheet HTML 2Page - Hirose Electric DM2 Datasheet HTML 3Page - Hirose Electric DM2 Datasheet HTML 4Page - Hirose Electric DM2 Datasheet HTML 5Page - Hirose Electric DM2 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DM2 Series
●miniSDTM Card Connectors
2
Series name :DM2
Connector type
A:Standard receptacle
B:Reverse receptacle
Number of contacts :11
Termination type
SFW: Right angle SMT (Standard mounting)
DSFW: Right angle SMT (Reverse mounting)
Card ejection code
PEJ: Push insert/push eject
Ground terminal type
D1S: SMT - at 4 points
D1S: Through hole at 2 points + SMT at 4 points
DM2
*
* - *
* - PEJ - *
*
■Ordering information
1
4
2
3
5
1
5
2
3
4
■Product Specifications
■Materials / Finish
Ratings
Current rating: 0.5A DC
Voltage rating: 125V AC
Operating temperature range: -25çto +85ç(Note 1)
Storage temperature range : -40çto +85ç(Note 2)
Operating humidity range: Relative humidity 95% max.
(No condensation)
500V DC
500V AC / one minute
100mA DC
Frequency: 10 to 55 Hz, single amplitude of 0.75mm, 2 hours / 3 axis
96 hours at 40ç±2ç and humidity of 90% to 95%.
Temperature: -55ç➝+5ç to +35ç➝+85ç➝+5ç to +35ç
Duration: 30➝5➝30➝5 (Minutes)
5 cycles
10000 cycles at 400 to 600 cycles per hour
Reflow: At the recommended temperature profile
Manual soldering: 350ç for 3 seconds
1000 Mø min. (Initial value)
No flashover or insulation breakdown.
100mø max. (Initial value)
No electrical discontinuity of 100 ns or more.
Contact resistance
: 40mø max. from initial value
Insulation resistance : 100Mø min.
Contact resistance
: 40mø max. from initial value
Insulation resistance : 100Mø min.
Contact resistance
: 40mø max. from initial value
No deformation of components affecting form, fit or function.
1. Insulation resistance
2. Withstanding voltage
3. Contact resistance
4. Vibration
5. Humidity
6. Temperature cycle
7. Durability (mating/unmating)
8. Resistance to soldering heat
Item
Specification
Conditions
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating temperature range and
humidity range covers non-conducting condition of installed connectors in storage, shipment or during transportation.
Remarks
UL94V-0
-------------------
-------------------
-------------------
Component
Material
Finish
Insulator
Contacts
Cover
Other components
Heat resistant thermoplastic compound
Phosphor bronze
Copper alloy
Stainless steel
Steel wire
Color: Black
Contact area
: Gold plated
Termination area : Gold plated
-------------------
-------------------
Nickel plated
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com