Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM2 Datasheet(PDF) 6 Page - Hirose Electric

Part # DM2
Description  miniSDTM Card Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DM2 Datasheet(HTML) 6 Page - Hirose Electric

  DM2 Datasheet HTML 1Page - Hirose Electric DM2 Datasheet HTML 2Page - Hirose Electric DM2 Datasheet HTML 3Page - Hirose Electric DM2 Datasheet HTML 4Page - Hirose Electric DM2 Datasheet HTML 5Page - Hirose Electric DM2 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
DM2 Series
●miniSDTM Card Connectors
Preheating
Time (Seconds)
90 sec. to 120 sec.
150ç
200ç
230ç min
Peak:250ç MAX
Soldering
50 sec.
250
(ç)
200
150
100
50
■Recommended temperature profile
■Precautions and recommendations
1. Washing recommendations
Do not wash the entire connector. Intrusion of washing fluids in the connector may affect the operation of the
ejection mechanism, card insertion or electrical performance.
If required, wash only soldered joints, exercising caution not to allow intrusion of washing solution inside the
connector.
2. Use correct card
The connector is designed for miniSDTM card.
Although it will withstand reverse card insertion attempts without damage, care should be taken NOT to subject it
to extreme insertion forces, angle insertion or card twisting.
3. Do not apply excessive external force
Application of excessive external force during card insertion or removal may cause malfunction or damage to the
connector or card.
<Recommended conditions>
Reflow system
: IR/Hot air
Environment
: Room air
Solder composition
: Paste, 96.5%Sn / 3.0%Ag / 0.5%Cu
(M705-221CM5-42-10.5 manufactured
by Senju Metal Industry Co., Ltd.)
Test board
: Glass epoxy 60mm x 100mm x 1mm
thick
Metal mask thickness
: 0.12 mm
This temperature profile is based on the above conditions.
In individual applications the actual temperature may vary,
depending on solder paste type, volume/thickness and board
size/thickness. Consult your solder paste and equipment
manufacturer for specific recommendations.
Embossed carrier tape
Top tape cover
End section
Mounting section
Lead section (400mm min.)
Blank section (160mm min.)
Blank section (100mm min.)
■Packaging Specifications
● Embossed carrier tape dimensions (800 pieces per reel)
32.4+20
( 3.75 )
( 2.65 )
Unreeling direction
2±0.1
32±0.1
P=4±0.1
● Reel dimensions
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com