Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D02331 Datasheet (PDF) - Premier Farnell Limited.

D02331 Datasheet PDF - Premier Farnell Limited.
Part # D02331
Download  D02331 Download
File Size   144.42 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Mini Archimedes Drill

D02331 Datasheet (PDF)

Go To PDF Page Download Datasheet
D02331 Datasheet PDF - Premier Farnell Limited.

Part # D02331
Download  D02331 Click to download

File Size   144.42 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Mini Archimedes Drill

D02331 Datasheet (HTML) - Premier Farnell Limited.


D02331 Product details

Features:
• A spiral type hand drill with return spring; turns by pushing the centre
piece up and down
• Takes approx. 1mm diameter shank drill bit
• Ideal for very precise drilling, PCB drilling etc.




Similar Part No. - D02331

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D02330 DURATOOL-D02330 Datasheet
134Kb / 1P
Junior Hacksaw
28/08/14 V1.0
D02332 DURATOOL-D02332 Datasheet
173Kb / 1P
150mm Steel Spring Clamp
28/08/14 V1.0
D02333 DURATOOL-D02333 Datasheet
151Kb / 1P
4Pc Pin Vice Set
28/08/14 V1.0
D02334 DURATOOL-D02334 Datasheet
182Kb / 1P
4” Bench Vice Swivel
01/09/14 V1.0
D02335 DURATOOL-D02335 Datasheet
208Kb / 1P
Bench Vice Swivel
25/06/24 V1.1
More results


Similar Description - D02331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D00471 ETC2-D00471 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
D00469 ETC2-D00469 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
D00230 ETC2-D00230 Datasheet
34Kb / 1P
Right Angle Drill Attachment
logo
Rosenberger Hochfrequen...
60W010-C02 ROSENBERGER-60W010-C02 Datasheet
199Kb / 2P
CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
60W010-C09 ROSENBERGER-60W010-C09 Datasheet
200Kb / 2P
CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
60W010-C06 ROSENBERGER-60W010-C06 Datasheet
167Kb / 2P
CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
logo
List of Unclassifed Man...
DT7926-XJ ETC1-DT7926-XJ Datasheet
110Kb / 2P
EXTREME 2??Metal Drill Bit Sets
logo
SparkFun Electronics
TOL-14817 SPARKFUN-TOL-14817 Datasheet
203Kb / 1P
Standard PCB Drill Set (10 Pieces)
8-6-18
TOL-14818 SPARKFUN-TOL-14818 Datasheet
210Kb / 1P
Variety PCB Drill Set (10 Pieces)
8-6-18
logo
List of Unclassifed Man...
25960 ETC-25960 Datasheet
3Mb / 2P
VACO STEP DRILL BITS
Rev. 11/22 A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com