Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D02333 Datasheet (PDF) - Premier Farnell Limited.

D02333 Datasheet PDF - Premier Farnell Limited.
Part # D02333
Download  D02333 Download
File Size   151.41 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 4Pc Pin Vice Set

D02333 Datasheet (PDF)

Go To PDF Page Download Datasheet
D02333 Datasheet PDF - Premier Farnell Limited.

Part # D02333
Download  D02333 Click to download

File Size   151.41 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 4Pc Pin Vice Set

D02333 Datasheet (HTML) - Premier Farnell Limited.


D02333 Product details

Features:
• Vices for holding small tools, drills, taps etc.
• Knurled body
• Hallow shaft for holding long items
• Capacity: 0 - 1mm, 0.8 - 1.5mm, 1.3 - 3.1mm, 3.0 - 4.8mm




Similar Part No. - D02333

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D02330 DURATOOL-D02330 Datasheet
134Kb / 1P
Junior Hacksaw
28/08/14 V1.0
D02331 DURATOOL-D02331 Datasheet
144Kb / 1P
Mini Archimedes Drill
28/08/14 V1.0
D02332 DURATOOL-D02332 Datasheet
173Kb / 1P
150mm Steel Spring Clamp
28/08/14 V1.0
D02334 DURATOOL-D02334 Datasheet
182Kb / 1P
4” Bench Vice Swivel
01/09/14 V1.0
D02335 DURATOOL-D02335 Datasheet
208Kb / 1P
Bench Vice Swivel
25/06/24 V1.1
More results


Similar Description - D02333

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
6ED10571AA000BA0 SIEMENS-6ED10571AA000BA0 Datasheet
46Kb / 1P
F. THE TRANSMISSION OF PROGRAMS FROM PC AND VICE VERSA
logo
PHOENIX CONTACT
1409053 PHOENIX-1409053 Datasheet
85Kb / 5P
Housing set - HC-MOT-AFL-SET
1208856 PHOENIX-1208856 Datasheet
54Kb / 3P
Tool set - TOOL DATA SET
1212538 PHOENIX-1212538 Datasheet
47Kb / 2P
Tool set - SF-TXH SET
1212541 PHOENIX-1212541 Datasheet
63Kb / 3P
Tool set - SF-SL/PH SET
1212543 PHOENIX-1212543 Datasheet
53Kb / 2P
Tool set - SF-M SET
1212544 PHOENIX-1212544 Datasheet
48Kb / 3P
Tool set - SF-LHEX SET
1212545 PHOENIX-1212545 Datasheet
47Kb / 2P
Tool set - SF-BIT SET
1268355 PHOENIX-1268355 Datasheet
1Mb / 11P
Set - EV-T2M3SO12-4P-BL-SET
1164423 PHOENIX-1164423 Datasheet
1Mb / 12P
Set - EV-T2M3SO12-4P-P-SET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com