Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D02332 Datasheet (PDF) - Premier Farnell Limited.

D02332 Datasheet PDF - Premier Farnell Limited.
Part # D02332
Download  D02332 Download
File Size   173.71 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 150mm Steel Spring Clamp

D02332 Datasheet (PDF)

Go To PDF Page Download Datasheet
D02332 Datasheet PDF - Premier Farnell Limited.

Part # D02332
Download  D02332 Click to download

File Size   173.71 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 150mm Steel Spring Clamp

D02332 Datasheet (HTML) - Premier Farnell Limited.


D02332 Product details

Features:
• 150mm Steel spring clamp
• Maximum jaw capacity: 50mm




Similar Part No. - D02332

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D02330 DURATOOL-D02330 Datasheet
134Kb / 1P
Junior Hacksaw
28/08/14 V1.0
D02331 DURATOOL-D02331 Datasheet
144Kb / 1P
Mini Archimedes Drill
28/08/14 V1.0
D02333 DURATOOL-D02333 Datasheet
151Kb / 1P
4Pc Pin Vice Set
28/08/14 V1.0
D02334 DURATOOL-D02334 Datasheet
182Kb / 1P
4” Bench Vice Swivel
01/09/14 V1.0
D02335 DURATOOL-D02335 Datasheet
208Kb / 1P
Bench Vice Swivel
25/06/24 V1.1
More results


Similar Description - D02332

ManufacturerPart #DatasheetDescription
logo
Altech corporation
CSC2.5T ALTECH-CSC2.5T Datasheet
782Kb / 8P
FEED-THROUGH Spring Clamp Terminals
logo
Weidmuller
0267400000 WEIDMULLER-0267400000 Datasheet
464Kb / 1P
Screw Clamp Connections Spring Loaded
logo
Richco, Inc.
SPN-11 RICHCO-SPN-11 Datasheet
59Kb / 1P
STEEL, SANTOPRENE SLEEVE CLAMP
logo
American Electronic Com...
D41F AEC-D41F Datasheet
681Kb / 3P
Screw or spring clamp terminals
D41F-SSR AEC-D41F-SSR Datasheet
695Kb / 3P
Screw or spring clamp terminals
logo
METZ CONNECT GmbH
ASP084XX METZ-ASP084XX Datasheet
308Kb / 5P
spring clamp terminal block, pluggable
AST025XX METZ-AST025XX Datasheet
300Kb / 5P
spring clamp terminal block, solderable
logo
Keystone Electronics Co...
8109 KEYSTONE-8109 Datasheet
206Kb / 1P
STEEL CABLE CLAMP
1.8.99
logo
WECO ELECTRICAL CONNECT...
122-F-111 WECO-122-F-111 Datasheet
64Kb / 1P
Plug connector Spring clamp connection
07.19
120-F-111 WECO-120-F-111 Datasheet
73Kb / 1P
Plug connector Spring clamp connection
07.19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com