Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN4015H-8I Datasheet (PDF) - STMicroelectronics

TN4015H-8I Datasheet PDF - STMicroelectronics
Part # TN4015H-8I
Download  TN4015H-8I Download
File Size   507.63 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 40 A 800 V high temperature SCR thyristors in TO-220 package

TN4015H-8I Datasheet (PDF)

Go To PDF Page Download Datasheet
TN4015H-8I Datasheet PDF - STMicroelectronics

Part # TN4015H-8I
Download  TN4015H-8I Click to download

File Size   507.63 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 40 A 800 V high temperature SCR thyristors in TO-220 package

TN4015H-8I Datasheet (HTML) - STMicroelectronics


TN4015H-8I Product details

Features
• High junction temperature: Tj
= 150 °C
• 800 V VDRM / VRRM
• 900 V VDSM / VRSM
• Low IGT: 15 mA
• High static immunity dV/dt = 1000 V/μs at 150 °C
• High turn-on rise dI/dt at 200 A/μs
• Halogen-free molding, lead-free plating
• ECOPACK2 compliant

Application
• Inrush current limiting circuits in AC/DC converters
• General purpose AC line load switching
• Heating resistor control, solid state relays

Description
Thanks to its junction temperature Tj
up to 150 °C, the TN4015H-8T offers high
thermal performance operation up to 40 A RMS in a TO-220AB package.
Its trade-off noise immunity (dV/dt = 1000 V/μs) versus its gate triggering current
(IGT = 15 mA) and its turn-on current rise (dI/dt = 200 A/μs) allow to design robust
and compact control circuit in AC/DC converters for inrush current limiting circuits
and industrial drives, such as overvoltage crowbar protection, motor control circuits
and power tools.




Similar Part No. - TN4015H-8I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN4015H-6G STMICROELECTRONICS-TN4015H-6G Datasheet
401Kb / 9P
High temperature 40 A SCRs
01-Aug-2016
TN4015H-6G-TR STMICROELECTRONICS-TN4015H-6G-TR Datasheet
401Kb / 9P
High temperature 40 A SCRs
01-Aug-2016
TN4015H-6I STMICROELECTRONICS-TN4015H-6I Datasheet
380Kb / 9P
High temperature 40 A SCRs
25-Nov-2016
TN4015H-6T STMICROELECTRONICS-TN4015H-6T Datasheet
398Kb / 9P
High temperature 40 A SCRs
08-Sep-2016
More results


Similar Description - TN4015H-8I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP10LN80K5 STMICROELECTRONICS-STP10LN80K5 Datasheet
741Kb / 14P
N-channel 800 V, 0.55 typ., 8 A MDmesh K5 Power MOSFET in a TO-220 package
14-Dec-2015
TN1610H-6I STMICROELECTRONICS-TN1610H-6I Datasheet
224Kb / 10P
16 A 600 V high temperature SCR thyristors in insulated TO-220
16-Dec-2019
TN2010H-6I STMICROELECTRONICS-TN2010H-6I Datasheet
230Kb / 10P
20 A 600 V high temperature SCR thyristors in insulated TO-220
16-Dec-2019
TN2015H-6I STMICROELECTRONICS-TN2015H-6I Datasheet
230Kb / 10P
20 A 600 V high temperature SCR thyristors in insulated TO-220
STP80N240K6 STMICROELECTRONICS-STP80N240K6_V01 Datasheet
255Kb / 13P
N-channel 800 V, 197 mΩ typ., 16 A MDmesh K6 Power MOSFET in a TO-220 package
29-Sep-2022
TN1605H-8G STMICROELECTRONICS-TN1605H-8G Datasheet
393Kb / 11P
16 A 800 V high temperature SCR thyristor in D²PAK package
05-Dec-2022
TN1605H-8I STMICROELECTRONICS-TN1605H-8I Datasheet
348Kb / 10P
16 A 800 V high temperature SCR thyristor in TO-220AB insulated package
05-Dec-2022
TN1605H-8T STMICROELECTRONICS-TN1605H-8T Datasheet
383Kb / 10P
16 A 800 V high temperature SCR thyristor in TO-220AB package
05-Dec-2022
STP80N340K6 STMICROELECTRONICS-STP80N340K6 Datasheet
292Kb / 13P
N-channel 800 V, 285 mΩ typ., 12 A MDmesh K6 Power MOSFET in a TO-220 package
28-Sep-2022
STP80N450K6 STMICROELECTRONICS-STP80N450K6 Datasheet
270Kb / 13P
N-channel 800 V, 380 mΩ typ., 10 A MDmesh K6 Power MOSFET in a TO-220 package
15-Sep-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com