Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3875-ADJ Datasheet (PDF) - Texas Instruments

LP3875-ADJ Datasheet PDF - Texas Instruments
Part # LP3875-ADJ
Download  LP3875-ADJ Download
File Size   1228.79 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3875-ADJ 1.5-A Fast Ultra-Low-Dropout LDOs

LP3875-ADJ Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3875-ADJ Datasheet PDF - Texas Instruments

Part # LP3875-ADJ
Download  LP3875-ADJ Click to download

File Size   1228.79 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3875-ADJ 1.5-A Fast Ultra-Low-Dropout LDOs

LP3875-ADJ Datasheet (HTML) - Texas Instruments


LP3875-ADJ Product details

1 Features
1• Input Voltage Range: 2.5 V to 7 V
• Ultra Low Dropout Voltage
• Low Ground Pin Current
• Load Regulation of 0.06%
• 10-nA Quiescent Current in Shutdown Mode
• Specified Output Current of 1.5-A DC
• Minimum Output Capacitor Requirements
• Overtemperature/Overcurrent Protection
• −40°C to +125°C Junction Temperature Range
• Available in DDPAK/TO-263 and SOT-223
Packages

2 Applications
• Microprocessor Power Supplies
• GTL, GTL+, BTL, and SSTL Bus Terminators
• Power Supplies for DSPs
• SCSI Terminator
• Post Regulators
• High Efficiency Linear Regulators
• Battery Chargers
• Other Battery-Powered Applications

3 Description
The LP3875-ADJ fast ultra-low-dropout LDO operates
from a 2.5-V to 7-V input supply. This ultra-lowdropout
LDO responds very quickly to step changes
in load, which makes it suitable for low-voltage
microprocessor applications. The LP3875-ADJ is
developed on a CMOS process, which allows low
quiescent-current operation independent of output
load current. This CMOS process also allows the
LP3875-ADJ to operate under extremely low dropout
conditions.
• Dropout Voltage: Ultra-low-dropout voltage;
typically 38 mV at 150-mA load current and 380
mV at 1.5-A load current.
• Ground Pin Current: Typically 6 mA at 1.5-A load
current.
• Shutdown Mode: Typically 10-nA quiescent
current when the SD pin is pulled low.
• Adjustable Output Voltage: The output voltage
may be programmed via two external resistors.




Similar Part No. - LP3875-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3875-ADJ NSC-LP3875-ADJ Datasheet
694Kb / 15P
1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3875-ADJ TI-LP3875-ADJ Datasheet
1Mb / 20P
1.5A Fast Ultra Low Dropout Linear Regulators
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
1.5A Fast Ultra Low Dropout Linear Regulators
More results


Similar Description - LP3875-ADJ

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3010LLSL SANKEN-SI-3010LLSL Datasheet
257Kb / 2P
1.5 A, Ultra-Low-Dropout, 1.1~3.3 V Regulator
logo
Texas Instruments
LP3876-ADJ TI-LP3876-ADJ Datasheet
1,017Kb / 19P
LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
LP3875EMP-18 TI1-LP3875EMP-18 Datasheet
2Mb / 25P
LP3872/LP3875 1.5A Fast Ultra Low Dropout Linear Regulators
LP38502-ADJ TI-LP38502-ADJ Datasheet
1Mb / 27P
LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulatorfor 2.7-V to 5.5-V Inputs
LP3852 TI-LP3852_15 Datasheet
2Mb / 32P
1.5-A Fast Response Ultra-Low Dropout Linear Regulators
LP3872 TI-LP3872_15 Datasheet
2Mb / 28P
LP387x 1.5-A Fast Ultra-Low-Dropout Linear Regulators
LP3876-ADJ TI-LP3876-ADJ_15 Datasheet
981Kb / 19P
LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
LP38500-ADJ TI-LP38500-ADJ_15 Datasheet
1Mb / 28P
LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
LP3872 TI1-LP3872_16 Datasheet
2Mb / 28P
1.5-A Fast Ultra-Low-Dropout Linear Regulators
logo
Anaren Microwave
MSK5970RH ANAREN-MSK5970RH Datasheet
422Kb / 8P
RAD HARD POSITIVE, 1.5 AMP, LOW DROPOUT ADJ VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com