Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3875-ADJ Datasheet(PDF) 9 Page - Texas Instruments

Part # LP3875-ADJ
Description  LP3875-ADJ 1.5-A Fast Ultra-Low-Dropout LDOs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3875-ADJ Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3875-ADJ Datasheet HTML 5Page - Texas Instruments LP3875-ADJ Datasheet HTML 6Page - Texas Instruments LP3875-ADJ Datasheet HTML 7Page - Texas Instruments LP3875-ADJ Datasheet HTML 8Page - Texas Instruments LP3875-ADJ Datasheet HTML 9Page - Texas Instruments LP3875-ADJ Datasheet HTML 10Page - Texas Instruments LP3875-ADJ Datasheet HTML 11Page - Texas Instruments LP3875-ADJ Datasheet HTML 12Page - Texas Instruments LP3875-ADJ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
LP3875-ADJ
IN
OUT
ADJ
GND
CIN
COUT
INPUT
OUTPUT
1.5 A
R1
R2
CFF
SD
SD
R1
OUT = 1.216
(1 +
)
R2
V
u
Copyright © 2016, Texas Instruments Incorporated
10 µF
10 µF
9
LP3875-ADJ
www.ti.com
SNVS247E – SEPTEMBER 2003 – REVISED AUGUST 2016
Product Folder Links: LP3875-ADJ
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LP3875-ADJ device is an LDO linear regulator designed to provide high load current of up to 1.5 A, low
dropout voltage, and low quiescent current in shutdown mode. Figure 7 shows the typical application circuit for
this device.
8.1.1 Reverse Current Path
The internal MOSFET in the LP3875-ADJ an inherent parasitic diode. During normal operation, the input voltage
is higher than the output voltage and the parasitic diode is reverse biased. However, if the output is pulled above
the input in an application, then current flows from the output to the input as the parasitic diode gets forward
biased. The output can be pulled above the input as long as the current in the parasitic diode is limited to 200-
mA continuous and 1-A peak.
8.2 Typical Application
Figure 7. LP3875-ADJ Typical Application Circuit
8.2.1 Design Requirements
For typical linear regulator LDO applications, use the parameters listed in Table 1:
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
2.5 V to 7 V
Output voltage
1.8 V
Output current
1.5 A
Output capacitor
10 µF
Input capacitor
10 µF
Output capacitor ESR range
100 mΩ to 4 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com