Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3875-ADJ Datasheet(PDF) 2 Page - Texas Instruments

Part # LP3875-ADJ
Description  LP3875-ADJ 1.5-A Fast Ultra-Low-Dropout LDOs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3875-ADJ Datasheet(HTML) 2 Page - Texas Instruments

  LP3875-ADJ Datasheet HTML 1Page - Texas Instruments LP3875-ADJ Datasheet HTML 2Page - Texas Instruments LP3875-ADJ Datasheet HTML 3Page - Texas Instruments LP3875-ADJ Datasheet HTML 4Page - Texas Instruments LP3875-ADJ Datasheet HTML 5Page - Texas Instruments LP3875-ADJ Datasheet HTML 6Page - Texas Instruments LP3875-ADJ Datasheet HTML 7Page - Texas Instruments LP3875-ADJ Datasheet HTML 8Page - Texas Instruments LP3875-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
LP3875-ADJ
SNVS247E – SEPTEMBER 2003 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: LP3875-ADJ
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings ............................................................ 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Typical Characteristics .............................................. 7
7
Detailed Description .............................................. 8
7.1
Overview ................................................................... 8
7.2
Functional Block Diagram ......................................... 8
7.3
Feature Description................................................... 8
7.4
Device Functional Modes.......................................... 8
8
Application and Implementation .......................... 9
8.1
Application Information.............................................. 9
8.2
Typical Application .................................................... 9
9
Power Supply Recommendations ...................... 15
10
Layout................................................................... 15
10.1
Layout Guidelines ................................................. 15
10.2
Layout Examples................................................... 15
11
Device and Documentation Support ................. 17
11.1
Related Documentation ....................................... 17
11.2
Receiving Notification of Documentation Updates 17
11.3
Community Resources.......................................... 17
11.4
Trademarks ........................................................... 17
11.5
Electrostatic Discharge Caution ............................ 17
11.6
Glossary ................................................................ 17
12
Mechanical, Packaging, and Orderable
Information ........................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (April 2013) to Revision E
Page
•
Added Device Information table, Pin Configuration and Functions section, ESD Ratings and Thermal Information
tables, Feature Description section, Device Functional Modes, Application and Implementation section, Power
Supply Recommendations section, Layout section, Device and Documentation Support section, and Mechanical,
Packaging, and Orderable Information section ..................................................................................................................... 1
•
Changed "Linear Regulator" in title and text of page 1 to "LDO" ........................................................................................... 1
•
Deleted all information re: TO-220 package, which is obsolete. ........................................................................................... 1
•
Changed all VIN and VOUT pin names to IN and OUT in drawings and text........................................................................ 1
•
Deleted "(survival)" from Abs Max rows ................................................................................................................................ 4
•
Changed Changed RθJA values: SOT-223 package from "90°C/W" to "65.2°C/W, DDPAK/TO-263 package from
"60°C/W" to "40.3°C/W".......................................................................................................................................................... 4
•
Added updated Thermal Values table and footnotes ............................................................................................................. 4
•
Deleted all "Heatsinking" subsections as they have out-of-date information; added Power Dissipation and Estimating
Junction Temperature .......................................................................................................................................................... 12
Changes from Revision C (April 2013) to Revision D
Page
•
Changed layout of National Semiconductor data sheet to TI format.................................................................................... 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com