Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3879 Datasheet (PDF) - Texas Instruments

LP3879 Datasheet PDF - Texas Instruments
Part # LP3879
Download  LP3879 Download
File Size   1162.77 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low Voltage Applications

LP3879 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3879 Datasheet PDF - Texas Instruments

Part # LP3879
Download  LP3879 Click to download

File Size   1162.77 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low Voltage Applications

LP3879 Datasheet (HTML) - Texas Instruments


LP3879 Product details

1FEATURES
2• Standard Output Voltage: 1.00V, 1.20V
• Custom Voltages Available from 1.0V to 1.2V
(50 mV Increments)
• Input Voltage: 2.5 to 6V
• 1% Initial Output Accuracy
• Designed for Use with Low ESR Ceramic
Capacitors
• Very Low Output Noise
• Sense Option Improves Load Regulation
• 8-Lead SO PowerPad and WSON Surface
Mount Packages
• <10 μA Quiescent Current in Shutdown
• Low Ground Pin Current at all Loads
• High Peak Current Capability
• Over-Temperature/Over-Current Protection
• -40°C to +125°C Junction Temperature Range

APPLICATIONS
• ASIC Power Supplies In:
– Desktops, Notebooks and Graphic Cards
– Set Top Boxes, Printers and Copiers
• DSP and FPGA Power Supplies
• SMPS Post-Regulator
• Medical Instrumentation

DESCRIPTION
The LP3879 is a 800 mA fixed-output voltage
regulator designed to provide high performance and
low noise in applications requiring output voltages
between 1.0V and 1.2V.
Using an optimized VIP (Vertically Integrated PNP)
process, the LP3879 delivers superior performance:
Ground Pin Current: Typically 5.5 mA @ 800 mA
load, and 200 μA @ 100 μA load.
Low Power Shutdown: The LP3879 draws less than
10 μA quiescent current when shutdown pin is pulled
low.
Precision Output: Ensured output voltage accuracy
is 1% at room temperature.
Low Noise: Broadband output noise is only 18 μV
(typical) with 10 nF bypass capacitor.




Similar Part No. - LP3879

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3879 NSC-LP3879 Datasheet
725Kb / 11P
Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
logo
Texas Instruments
LP3879 TI-LP3879 Datasheet
1Mb / 18P
LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low
LP38798 TI-LP38798 Datasheet
2Mb / 23P
LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
LP38798SD-ADJ/NOPB TI-LP38798SD-ADJ/NOPB Datasheet
2Mb / 23P
LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
LP38798SDE-ADJ/NOPB TI-LP38798SDE-ADJ/NOPB Datasheet
2Mb / 23P
LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
More results


Similar Description - LP3879

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
800mA Low Dropout Voltage Regulator
logo
National Semiconductor ...
LP3878 NSC-LP3878 Datasheet
640Kb / 11P
Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications Designed for Use with Very Low ESR Output Capacitors
LP3878-ADJ NSC-LP3878-ADJ Datasheet
791Kb / 13P
Micropower 800mA Low Noise(Ceramic Stable) Adjustable Voltage Regulator for 1V to 5V Applications
LP3879 NSC-LP3879 Datasheet
725Kb / 11P
Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
logo
Exar Corporation
SPX1117M3-L-3.3 EXAR-SPX1117M3-L-3.3 Datasheet
749Kb / 11P
800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
800mA Low Dropout Voltage Regulator
logo
Texas Instruments
LP3879MR-1.2 TI-LP3879MR-1.2 Datasheet
1Mb / 18P
LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low
LP3879MR-12 TI1-LP3879MR-12 Datasheet
1Mb / 18P
LP3879 Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
logo
Exar Corporation
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
800mA Low Dropout Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com