Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3879 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP3879
Description  LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low Voltage Applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3879 Datasheet(HTML) 1 Page - Texas Instruments

  LP3879 Datasheet HTML 1Page - Texas Instruments LP3879 Datasheet HTML 2Page - Texas Instruments LP3879 Datasheet HTML 3Page - Texas Instruments LP3879 Datasheet HTML 4Page - Texas Instruments LP3879 Datasheet HTML 5Page - Texas Instruments LP3879 Datasheet HTML 6Page - Texas Instruments LP3879 Datasheet HTML 7Page - Texas Instruments LP3879 Datasheet HTML 8Page - Texas Instruments LP3879 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LP3879
www.ti.com
SNVS396B – MAY 2006 – REVISED APRIL 2013
LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low
Voltage Applications
Check for Samples: LP3879
1
FEATURES
DESCRIPTION
The LP3879 is a 800 mA fixed-output voltage
2
•
Standard Output Voltage: 1.00V, 1.20V
regulator designed to provide high performance and
•
Custom Voltages Available from 1.0V to 1.2V
low noise in applications requiring output voltages
(50 mV Increments)
between 1.0V and 1.2V.
•
Input Voltage: 2.5 to 6V
Using an optimized VIP (Vertically Integrated PNP)
•
1% Initial Output Accuracy
process, the LP3879 delivers superior performance:
•
Designed for Use with Low ESR Ceramic
Ground Pin Current: Typically 5.5 mA @ 800 mA
Capacitors
load, and 200 µA @ 100 µA load.
•
Very Low Output Noise
Low Power Shutdown: The LP3879 draws less than
•
Sense Option Improves Load Regulation
10
μA quiescent current when shutdown pin is pulled
•
8-Lead SO PowerPad and WSON Surface
low.
Mount Packages
Precision Output: Ensured output voltage accuracy
•
<10
μA Quiescent Current in Shutdown
is 1% at room temperature.
•
Low Ground Pin Current at all Loads
Low Noise: Broadband output noise is only 18
μV
•
High Peak Current Capability
(typical) with 10 nF bypass capacitor.
•
Over-Temperature/Over-Current Protection
•
-40°C to +125°C Junction Temperature Range
APPLICATIONS
•
ASIC Power Supplies In:
–
Desktops, Notebooks and Graphic Cards
–
Set Top Boxes, Printers and Copiers
•
DSP and FPGA Power Supplies
•
SMPS Post-Regulator
•
Medical Instrumentation
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3879

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3879 NSC-LP3879 Datasheet
725Kb / 11P
Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
logo
Texas Instruments
LP3879 TI-LP3879 Datasheet
1Mb / 18P
LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low
LP38798 TI-LP38798 Datasheet
2Mb / 23P
LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
LP38798SD-ADJ/NOPB TI-LP38798SD-ADJ/NOPB Datasheet
2Mb / 23P
LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
LP38798SDE-ADJ/NOPB TI-LP38798SDE-ADJ/NOPB Datasheet
2Mb / 23P
LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
More results

Similar Description - LP3879

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
800mA Low Dropout Voltage Regulator
logo
National Semiconductor ...
LP3878 NSC-LP3878 Datasheet
640Kb / 11P
Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications Designed for Use with Very Low ESR Output Capacitors
LP3878-ADJ NSC-LP3878-ADJ Datasheet
791Kb / 13P
Micropower 800mA Low Noise(Ceramic Stable) Adjustable Voltage Regulator for 1V to 5V Applications
LP3879 NSC-LP3879 Datasheet
725Kb / 11P
Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
logo
Exar Corporation
SPX1117M3-L-3.3 EXAR-SPX1117M3-L-3.3 Datasheet
749Kb / 11P
800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
800mA Low Dropout Voltage Regulator
logo
Texas Instruments
LP3879MR-1.2 TI-LP3879MR-1.2 Datasheet
1Mb / 18P
LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low
LP3879MR-12 TI1-LP3879MR-12 Datasheet
1Mb / 18P
LP3879 Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
logo
Exar Corporation
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
800mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com