Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3879 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP3879
Description  LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low Voltage Applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3879 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3879 Datasheet HTML 8Page - Texas Instruments LP3879 Datasheet HTML 9Page - Texas Instruments LP3879 Datasheet HTML 10Page - Texas Instruments LP3879 Datasheet HTML 11Page - Texas Instruments LP3879 Datasheet HTML 12Page - Texas Instruments LP3879 Datasheet HTML 13Page - Texas Instruments LP3879 Datasheet HTML 14Page - Texas Instruments LP3879 Datasheet HTML 15Page - Texas Instruments LP3879 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
LP3879MR-1.0/NOPB
Active
Production
SO PowerPAD
(DDA) | 8
95 | TUBE
Yes
SN
Level-3-260C-168 HR
-40 to 125
3879
MR1.0
LP3879MR-1.0/NOPB.B
Active
Production
SO PowerPAD
(DDA) | 8
95 | TUBE
Yes
SN
Level-3-260C-168 HR
-40 to 125
3879
MR1.0
LP3879MR-1.2/NOPB
Active
Production
SO PowerPAD
(DDA) | 8
95 | TUBE
Yes
SN
Level-3-260C-168 HR
-40 to 125
LP3879
MR1.2
LP3879MR-1.2/NOPB.A
Active
Production
SO PowerPAD
(DDA) | 8
95 | TUBE
Yes
SN
Level-3-260C-168 HR
-40 to 125
LP3879
MR1.2
LP3879MR-1.2/NOPB.B
Active
Production
SO PowerPAD
(DDA) | 8
95 | TUBE
Yes
SN
Level-3-260C-168 HR
-40 to 125
LP3879
MR1.2
LP3879MRX-1.0/NOPB
Active
Production
SO PowerPAD
(DDA) | 8
2500 | LARGE T&R
Yes
SN
Level-3-260C-168 HR
-40 to 125
3879
MR1.0
LP3879MRX-1.0/NOPB.B
Active
Production
SO PowerPAD
(DDA) | 8
2500 | LARGE T&R
Yes
SN
Level-3-260C-168 HR
-40 to 125
3879
MR1.0
LP3879MRX-1.2/NOPB
Active
Production
SO PowerPAD
(DDA) | 8
2500 | LARGE T&R
Yes
SN
Level-3-260C-168 HR
-40 to 125
LP3879
MR1.2
LP3879MRX-1.2/NOPB.A
Active
Production
SO PowerPAD
(DDA) | 8
2500 | LARGE T&R
Yes
SN
Level-3-260C-168 HR
-40 to 125
LP3879
MR1.2
LP3879MRX-1.2/NOPB.B
Active
Production
SO PowerPAD
(DDA) | 8
2500 | LARGE T&R
Yes
SN
Level-3-260C-168 HR
-40 to 125
LP3879
MR1.2
LP3879SD-1.0/NOPB
Active
Production
WSON (NGT) | 8
1000 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
79SD1.0
LP3879SD-1.0/NOPB.B
Active
Production
WSON (NGT) | 8
1000 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
79SD1.0
LP3879SD-1.2/NOPB
Active
Production
WSON (NGT) | 8
1000 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
79SD1.2
LP3879SD-1.2/NOPB.A
Active
Production
WSON (NGT) | 8
1000 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
79SD1.2
LP3879SD-1.2/NOPB.B
Active
Production
WSON (NGT) | 8
1000 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
79SD1.2
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com