Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5996 Datasheet (PDF) - Texas Instruments

LP5996 Datasheet PDF - Texas Instruments
Part # LP5996
Download  LP5996 Download
File Size   1120.17 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP5996 Dual Linear Regulator with 300mA and 150mA Outputs

LP5996 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP5996 Datasheet PDF - Texas Instruments

Part # LP5996
Download  LP5996 Click to download

File Size   1120.17 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP5996 Dual Linear Regulator with 300mA and 150mA Outputs

LP5996 Datasheet (HTML) - Texas Instruments


LP5996 Product details

1FEATURES
2• 2 LDO Outputs with Independent Enable
• 1.5% Accuracy at Room Temperature, 3% over
Temperature
• Thermal Shutdown Protection
• Stable with Ceramic Capacitors

APPLICATIONS
• Cellular Handsets
• PDA's
• Wireless Network Adaptors

KEY SPECIFICATIONS
• Input Voltage Range, 2.0V to 6.0V
• Low Dropout Voltage at 300mA, 210mV
• Ultra-Low IQ (Enabled), 35μA
• Virtually Zero I Q (Disabled), <10nA

PACKAGE
• All available in Lead Free option.
• 10 pin SON 3mm x 3mm
For other package options contact your Texas Instruments sales
office.

DESCRIPTION
The LP5996 is a dual low dropout regulator. The first
regulator can source 150mA, while the second is
capable of sourcing 300mA.
The LP5996 provides 1.5% accuracy requiring an
ultra low quiescent current of 35μA. Separate enable
pins allow each output of the LP5996 to be shut
down, drawing virtually zero current.
The LP5996 is designed to be stable with small
footprint ceramic capacitors down to 1μF.
The LP5996 is available in fixed output voltages and
comes in a 10 pin, 3mm x 3mm package.




Similar Part No. - LP5996

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5996 NSC-LP5996 Datasheet
870Kb / 14P
Dual Linear Regulator with 300mA and 150mA Outputs
logo
Texas Instruments
LP5996 TI1-LP5996 Datasheet
1Mb / 20P
Dual Linear Regulator with 300mA and 150mA Outputs
LP5996 TI-LP5996 Datasheet
1Mb / 18P
Dual Linear Regulator with 300mA and 150mA Outputs
logo
National Semiconductor ...
LP5996SD-0833 NSC-LP5996SD-0833 Datasheet
870Kb / 14P
Dual Linear Regulator with 300mA and 150mA Outputs
logo
Texas Instruments
LP5996SD-1018/NOPB TI-LP5996SD-1018/NOPB Datasheet
1Mb / 18P
Dual Linear Regulator with 300mA and 150mA Outputs
More results


Similar Description - LP5996

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
300mA/150mA Dual CMOS LDO Linear Regulator
logo
National Semiconductor ...
LP3996 NSC-LP3996 Datasheet
1,006Kb / 16P
Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
LP5996 NSC-LP5996 Datasheet
870Kb / 14P
Dual Linear Regulator with 300mA and 150mA Outputs
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
300mA/150mA Dual CMOS LDO Linear Regulator
3242.2006.04.1.10
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242_08 Datasheet
1Mb / 15P
300mA/150mA Dual CMOS LDO Linear Regulator
logo
Silicon Standard Corp.
SS6721G SSC-SS6721G Datasheet
448Kb / 7P
150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
logo
Texas Instruments
LP3996 TI1-LP3996_14 Datasheet
1Mb / 26P
Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
LP5996 TI1-LP5996 Datasheet
1Mb / 20P
Dual Linear Regulator with 300mA and 150mA Outputs
LP5996 TI-LP5996_15 Datasheet
1Mb / 18P
Dual Linear Regulator with 300mA and 150mA Outputs
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
DUAL 150mA LOW DROPOUT LINEAR REGULATOR
Rev 13.2.2003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com