Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5996 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP5996
Description  LP5996 Dual Linear Regulator with 300mA and 150mA Outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5996 Datasheet(HTML) 3 Page - Texas Instruments

  LP5996 Datasheet HTML 1Page - Texas Instruments LP5996 Datasheet HTML 2Page - Texas Instruments LP5996 Datasheet HTML 3Page - Texas Instruments LP5996 Datasheet HTML 4Page - Texas Instruments LP5996 Datasheet HTML 5Page - Texas Instruments LP5996 Datasheet HTML 6Page - Texas Instruments LP5996 Datasheet HTML 7Page - Texas Instruments LP5996 Datasheet HTML 8Page - Texas Instruments LP5996 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
VIN
GND
6
5
EN1
4
N/C
1
VOUT1
2
GND
3
N/C
Top View
7
8
9
10
VOUT2
EN2
N/C
CBYP
LP5996
www.ti.com
SNVS415C – NOVEMBER 2006 – REVISED MAY 2013
Connection Diagram
10-Pin SON Package
Figure 1. See Package Number DSC0010A
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Input Voltage
-0.3V to 6.5V
VOUT1, VOUT2, EN1, and EN2 Voltage to GND
-0.3V to (VIN + 0.3V) with 6.5V (max)
Junction Temperature (TJ-MAX)
150°C
Lead/Pad Temp. (4)
235°C
Storage Temperature
-65°C to 150°C
Continuous Power Dissipation Internally Limited(5)
ESD Rating(6)
Human Body Model
2.0kV
Machine Model
200V
(1)
All Voltages are with respect to the potential at the GND pin.
(2)
Absolute Maximum Ratings are limits beyond which damage can occur. Operating Ratings are conditions under which operation of the
device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits and associated test
conditions, see the Electrical Characteristics tables.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office / Distributors for
availability and specifications.
(4)
For detailed soldering specifications and information, please refer to Application Note AN-1187, Leadless Leadframe Package
SNOA401.
(5)
Internal thermal shutdown circuitry protects the device from permanent damage.
(6)
The human body model is 100pF discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor
discharged directly into each pin.
Operating Ratings
(1) (2)
Input Voltage
2.0V to 6.0V
EN1, EN2 Voltage
0 to (VIN + 0.3V) to 6.0V (max)
(1)
Absolute Maximum Ratings are limits beyond which damage can occur. Operating Ratings are conditions under which operation of the
device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits and associated test
conditions, see the Electrical Characteristics tables.
(2)
All Voltages are with respect to the potential at the GND pin.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP5996



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com