Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5996 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP5996
Description  LP5996 Dual Linear Regulator with 300mA and 150mA Outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5996 Datasheet(HTML) 4 Page - Texas Instruments

  LP5996 Datasheet HTML 1Page - Texas Instruments LP5996 Datasheet HTML 2Page - Texas Instruments LP5996 Datasheet HTML 3Page - Texas Instruments LP5996 Datasheet HTML 4Page - Texas Instruments LP5996 Datasheet HTML 5Page - Texas Instruments LP5996 Datasheet HTML 6Page - Texas Instruments LP5996 Datasheet HTML 7Page - Texas Instruments LP5996 Datasheet HTML 8Page - Texas Instruments LP5996 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LP5996
SNVS415C – NOVEMBER 2006 – REVISED MAY 2013
www.ti.com
Operating Ratings
(1) (2) (continued)
Junction Temperature
-40°C to 125°C
Ambient Temperature Range, TA
(3)
-40°C to 85°C
(3)
The maximum ambient temperature (TA(max)) is dependant on the maximum operating junction temperature (TJ(max-op) = 125°C), the
maximum power dissipation of the device in the application (PD(max)), and the junction to ambient thermal resistance of the part/package
in the application (
θJA), as given by the following equation: TA(max) = TJ(max-op) - (θJA × PD(max)).
Thermal Properties
(1)
Junction To Ambient Thermal Resistance(2)
θJA SON-10 Package
55°C/W
(1)
Absolute Maximum Ratings are limits beyond which damage can occur. Operating Ratings are conditions under which operation of the
device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits and associated test
conditions, see the Electrical Characteristics tables.
(2)
Junction to ambient thermal resistance is dependant on the application and board layout. In applications where high maximum power
dissipation is possible, special care must be paid to thermal dissipation issues in board design.
Electrical Characteristics
(1) (2)
Unless otherwise noted, VEN = 950mV, VIN = VOUT + 1.0V, or 2.0V, whichever is higher, where VOUT is the higher of VOUT1 and
VOUT2. CIN = 1 µF, IOUT = 1 mA, COUT1 = COUT2 = 1.0µF.
Typical values and limits appearing in normal type apply for TA = 25°C. Limits appearing in boldface type apply over the full
junction temperature range for operation,
−40 to +125°C.
Limit
Parameter
Test Conditions
Typ
Units
Min
Max
VIN
Input Voltage
(3)
2
6
V
ΔVOUT
Output Voltage Tolerance
IOUT = 1mA
1.5V < VOUT ≤ 3.3V
-2.5
+2.5
-3.75
+3.75
%
VOUT ≤ 1.5V
-2.75
+2.75
-4
+4
Line Regulation Error
VIN = (VOUT(NOM) + 1.0V) to 6.0V
0.03
0.3
%/V
Load Regulation Error
IOUT = 1mA to 150mA
85
155
(LDO 1)
µV/mA
IOUT = 1mA to 300mA
26
85
(LDO 2)
VDO
Dropout Voltage (4)
IOUT = 1mA to 150mA
110
220
(LDO 1)
mV
IOUT = 1mA to 300mA
210
550
(LDO 2)
IQ
Quiescent Current
LDO 1 ON, LDO 2 ON
35
100
IOUT1= IOUT2 = 0mA
LDO 1 ON, LDO 2 OFF
45
110
IOUT1 = 150mA
µA
LDO 1 OFF, LDO 2 ON
45
110
IOUT2 = 300mA
LDO 1 ON, LDO 2 ON
70
170
IOUT1 = 150mA, IOUT2 = 300m
VEN1 = VEN2 = 0.4V
0.5
10
nA
ISC
Short Circuit Current Limit
LDO 1
420
750
mA
LDO 2
550
840
IOUT
Maximum Output Current
LDO 1
150
mA
LDO 2
300
(1)
All Voltages are with respect to the potential at the GND pin.
(2)
Min Max limits are ensured by design, test or statistical analysis. Typical numbers are not ensured, but do represent the most likely
norm.
(3)
VIN(MIN) = VOUT(NOM) + 0.5V, or 2.0V, whichever is higher.
(4)
Dropout voltage is voltage difference between input and output at which the output voltage drops to 100mV below its nominal value.
This parameter only for output voltages above 2.0V
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP5996



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com