Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL5584 Datasheet (PDF) - OSRAM GmbH

DL5584 Datasheet PDF - OSRAM GmbH
Part # DL5584
Download  DL5584 Download
File Size   183.15 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX L 55 W/840 2G11

DL5584 Datasheet (PDF)

Go To PDF Page Download Datasheet
DL5584 Datasheet PDF - OSRAM GmbH

Part # DL5584
Download  DL5584 Click to download

File Size   183.15 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX L 55 W/840 2G11

DL5584 Datasheet (HTML) - OSRAM GmbH


DL5584 Product details

Areas of application
Offices, public buildings
Shops
Supermarkets and department stores
Hotels, restaurants
Industry

Product features
Short and compact pin-base lamp with double-turn tubes
Single-ended four-pin plug-in 2G11 base
Dimmable (1…100 % with QUICKTRONIC QTi DALI/DIM)
Color rendering index R
a
: 80…89
Average life: 20,000 h (with QUICKTRONIC)
Operates on battery, solar and AC power with suitable electronic control gear
Also available in blue




Similar Part No. - DL5584

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
DL55221B SMC-DL55221B Datasheet
171Kb / 4P
ZENER DIODES
DL55222B SMC-DL55222B Datasheet
171Kb / 4P
ZENER DIODES
DL55223B SMC-DL55223B Datasheet
171Kb / 4P
ZENER DIODES
DL55224B SMC-DL55224B Datasheet
171Kb / 4P
ZENER DIODES
DL55225B SMC-DL55225B Datasheet
171Kb / 4P
ZENER DIODES
More results


Similar Description - DL5584

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S6769 SATCO-S6769 Datasheet
122Kb / 1P
55 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S6770 SATCO-S6770 Datasheet
122Kb / 1P
55 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S6771 SATCO-S6771 Datasheet
122Kb / 1P
55 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S8670 SATCO-S8670 Datasheet
122Kb / 1P
55 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S8671 SATCO-S8671 Datasheet
122Kb / 1P
55 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
logo
Adels-Contact
332004 ADELS-332004 Datasheet
122Kb / 1P
GSK 840 V/ 4
332005 ADELS-332005 Datasheet
111Kb / 1P
GSK 840 V/ 5
332105 ADELS-332105 Datasheet
111Kb / 1P
GSK 840 VO/ 5
332106 ADELS-332106 Datasheet
125Kb / 1P
GSK 840 VO/ 6
332404 ADELS-332404 Datasheet
111Kb / 1P
GSK 840 H/ 4
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com