Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL5584 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # DL5584
Description  DULUX L 55 W/840 2G11
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DL5584 Datasheet(HTML) 5 Page - OSRAM GmbH

  DL5584 Datasheet HTML 1Page - OSRAM GmbH DL5584 Datasheet HTML 2Page - OSRAM GmbH DL5584 Datasheet HTML 3Page - OSRAM GmbH DL5584 Datasheet HTML 4Page - OSRAM GmbH DL5584 Datasheet HTML 5Page - OSRAM GmbH DL5584 Datasheet HTML 6Page - OSRAM GmbH DL5584 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Lamp-ECG combination (System)
Product name
Product name ECG
EAN
Nominal current
Nominal wattage
+ Power loss
Luminous flux at
35 °C
Number of
lighting outlets
DULUX L 55W/840 2G11
QT-FQ 2x80
4050300825564
0.59 A
122.00 W
4800 lm
2
QTP-DL 1x55 GII
4008321390158
0.26 A
59.00 W
4800 lm
1
QTP-DL 2x55 GII
4008321390172
0.51 A
116.00 W
4800 lm
2
QTP-FC 1x55
4008321537041
0.26 A
59.00 W
4800 lm
1
QTP-OPTIMAL 1x54-58
4008321873729
0.24 A
50.00 W
4800 lm
1
QTP-OPTIMAL 2x54-58
4008321880253
0.24 A
98.00 W
4800 lm
2
QTP5 1x54
4008321329394
0.24 A
55.00 W
4500 lm
1
QTP5 2x54
4008321329097
0.48 A
107.00 W
4500 lm
2
QTi 1x28/54 DIM
4050300870588
0.26 A
59.00 W
4800 lm
1
QTi 1x35/49/80 GII
4008321383372
0.26 A
59.00 W
4800 lm
1
QTi 2x28/54 DIM
4050300870717
0.51 A
115.00 W
4800 lm
2
QTi 2x35/49/80 GII
4008321658951
0.53 A
119.00 W
4800 lm
2
QTi DALI 1x28/54 DIM
4050300870809
0.26 A
59.00 W
4800 lm
1
QTi DALI 2x28/54 DIM
4050300870502
0.51 A
115.00 W
4800 lm
2
Product datasheet
__
August 25, 2014, 13:18:19
© 2014, OSRAM GmbH. All rights reserved.
DULUX L 55 W/840 2G11
Page 5 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com