Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL5584 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # DL5584
Description  DULUX L 55 W/840 2G11
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DL5584 Datasheet(HTML) 4 Page - OSRAM GmbH

  DL5584 Datasheet HTML 1Page - OSRAM GmbH DL5584 Datasheet HTML 2Page - OSRAM GmbH DL5584 Datasheet HTML 3Page - OSRAM GmbH DL5584 Datasheet HTML 4Page - OSRAM GmbH DL5584 Datasheet HTML 5Page - OSRAM GmbH DL5584 Datasheet HTML 6Page - OSRAM GmbH DL5584 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ILCOS
FSDH-55/840-/P/-2G11-43,9/533
Country specific information
Product code
METEL code
SEG number
STK number
UK Org
4050300295879
OSRDL55840
8330476
4933897
-
4050300438306
OSRDL5521IF
-
-
-
Product datasheet
__
August 25, 2014, 13:18:19
© 2014, OSRAM GmbH. All rights reserved.
DULUX L 55 W/840 2G11
Page 4 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com