Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM51770 Datasheet (PDF) - Texas Instruments

LM51770 Datasheet PDF - Texas Instruments
Part # LM51770
Download  LM51770 Download
File Size   2789.54 Kbytes
Page   70 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM51770-Q1 80V Wide VIN Bidirectional 4-Switch Buck-Boost Controller

LM51770 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM51770 Datasheet PDF - Texas Instruments

Part # LM51770
Download  LM51770 Click to download

File Size   2789.54 Kbytes
Page   70 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM51770-Q1 80V Wide VIN Bidirectional 4-Switch Buck-Boost Controller

LM51770 Datasheet (HTML) - Texas Instruments


LM51770 Product details

1 Features
• Wide input range from 3.5V to 80V (85V absolute
maximum)
– Minimum 2.8V when V(BIAS) > 3.5V
• Output voltage from 3.3V to 78V
• Low shutdown IQ of 3μA
• Low operating IQ of 60μA
• 3% reverse current limit accuracy for precise
charging currents
• Average input and output current monitor or limiter
• Dynamic output voltage tracking for PWM or
analog input signals
• Power save mode (PSM) selectable for high light
load efficiency
• Two integrated high-voltage supply LDOs with
automatic selection
• 2A peak current logic level gate driver with
integrated bootstrap diode and bootstrap voltage
protections
• Fixed frequency across all operating modes
(boost, buck-boost, buck)
– Forced PWM mode selectable
– Switching up to 2MHz for small solution and
component size
– External clock synchronization
• Spread spectrum operation selectable
• Adjustable undervoltage protection
• Hiccup overcurrent and short protection
• AEC-Q100 qualified for automotive applications
– Test temperature grade 1: –40°C to +150°C
• Functional Safety-Capable
– Documentation available to aid functional safety
system design

2 Applications
• Automotive head unit
• Unboosted audio amplifier with ANC
• Headlight
• ADAS domain controller

3 Description
The LM51770-Q1 is a four switch buck-boost
controller. The device provides a regulated output
voltage if the input voltage is higher, equal, or lower
than the adjusted output voltage. In power save
mode, the device supports high efficiency with low
output loads due to its low quiescence currents. In
power save mode, the device supports high efficiency
close to 99% efficiency over the full range of the
output current. The LM51770-Q1 runs at a fixed
switching frequency, which is set through the RT
or SYNC pin. The switching frequency remains the
same during buck, boost, and buck-boost operation.
The integrated and optional average current monitor
helps monitor and limit input and output current of
the LM51770-Q1. This feature also supports charging
backup power elements, like batteries or capacitors,
with constant current (CC) and constant voltage (CV).




Similar Part No. - LM51770

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM51770 TI-LM51770 Datasheet
2Mb / 65P
LM51770 78-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
DECEMBER 2024
LM51770 TI2-LM51770 Datasheet
2Mb / 69P
LM51770x 78V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED AUGUST 2025
LM517701 TI2-LM517701 Datasheet
2Mb / 69P
LM51770x 78V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED AUGUST 2025
LM517701DCPR TI2-LM517701DCPR Datasheet
2Mb / 69P
LM51770x 78V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED AUGUST 2025
LM51770DCPR TI-LM51770DCPR Datasheet
2Mb / 65P
LM51770 78-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
DECEMBER 2024
More results


Similar Description - LM51770

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5175 TI1-LM5175 Datasheet
1Mb / 38P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175-Q1 TI1-LM5175-Q1 Datasheet
1Mb / 37P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176 Datasheet
1Mb / 37P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176-Q1 TI1-LM5176-Q1 Datasheet
1Mb / 38P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936 TI1-LM34936 Datasheet
1Mb / 39P
30-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176_19 Datasheet
2Mb / 37P
55-V Wide VIN synchronous 4-switch buck-boost controller
LM5177 TI-LM5177 Datasheet
2Mb / 52P
LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
JUNE 2022
LM5177 TI-LM5177_V01 Datasheet
2Mb / 54P
LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED OCTOBER 2022
logo
Renesas Technology Corp
ISL81801 RENESAS-ISL81801 Datasheet
1Mb / 50P
80V Bidirectional 4-Switch Synchronous Buck-Boost Controller
Jun 2, 2021
logo
Texas Instruments
LM5177 TI1-LM5177_V02 Datasheet
2Mb / 62P
LM5177 60-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com