Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM517701DCPR Datasheet (PDF) - Texas Instruments

LM517701DCPR Datasheet PDF - Texas Instruments
Part # LM517701DCPR
Download  LM517701DCPR Download
File Size   2834.12 Kbytes
Page   69 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM51770x 78V Wide VIN Bidirectional 4-Switch Buck-Boost Controller

LM517701DCPR Datasheet (PDF)

Go To PDF Page Download Datasheet
LM517701DCPR Datasheet PDF - Texas Instruments

Part # LM517701DCPR
Download  LM517701DCPR Click to download

File Size   2834.12 Kbytes
Page   69 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM51770x 78V Wide VIN Bidirectional 4-Switch Buck-Boost Controller

LM517701DCPR Datasheet (HTML) - Texas Instruments


LM517701DCPR Product details

1 Features
• Wide input range from 3.5V to 78V (85V absolute
maximum)
– Minimum 2.8V when V(BIAS) > 3.5V
• Output voltage from 3.3V to 78V
• Low shutdown IQ of 3μA
• Low operating IQ of 60μA
• 3% reverse current limit accuracy for precise
charging currents
• Average input and output current monitor or limiter
• Dynamic output voltage tracking for PWM or
analog input signals
• Power save mode (PSM) selectable for high light
load efficiency
• Two integrated high-voltage supply LDOs with
automatic selection
• Fixed frequency across all operating modes
(boost, buck-boost, buck)
– Forced PWM mode selectable
– Switching up to 1.8MHz for small solution and
component size
– External clock synchronization
• Spread spectrum operation selectable
• Adjustable undervoltage protection
• Hiccup overcurrent and short protection

2 Applications
• Non-isolated DC/DC supply (merchant DC/DC,
remote radio unit, motor drive control)
• Backup power systems (battery backup, fire
safety)
• Industrial PC (single board computer)
• Medical PSU (oxygen concentrator)
• Power over Ethernet (router)
• Solar power (solar charge controller)

3 Description
The LM51770x is a four switch buck-boost controller.
The device provides a regulated output voltage if
the input voltage is higher, equal, or lower than
the adjusted output voltage. In power save mode,
the device supports high efficiency with low output
loads due to its low quiescence currents. In power
save mode, the device supports high efficiency close
to 99% efficiency over the full range of the output
current. The LM51770x runs at a fixed switching
frequency, which is set through the RT or SYNC pin.
The switching frequency remains the same during
buck, boost, and buck-boost operation. The integrated
and optional average current monitor helps monitor
and limit input and output current of the LM51770x.
This feature also supports charging backup power
elements, like batteries or capacitors, with constant
current (CC) and constant voltage (CV).




Similar Part No. - LM517701DCPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM51770 TI-LM51770 Datasheet
2Mb / 65P
LM51770 78-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
DECEMBER 2024
LM51770 TI2-LM51770 Datasheet
2Mb / 70P
LM51770-Q1 80V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
SEPTEMBER 2025
LM51770-Q1 TI2-LM51770-Q1 Datasheet
2Mb / 70P
LM51770-Q1 80V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
SEPTEMBER 2025
LM51770DCPR TI-LM51770DCPR Datasheet
2Mb / 65P
LM51770 78-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
DECEMBER 2024
LM51770Q1 TI2-LM51770Q1 Datasheet
4Mb / 112P
LM251772-Q1 36V VIN4 Switch Buck-Boost Controller With I2C for
OCTOBER 2025
More results


Similar Description - LM517701DCPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5175 TI-LM5175_15 Datasheet
1Mb / 37P
LM5175 42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175 TI1-LM5175 Datasheet
1Mb / 38P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175-Q1 TI1-LM5175-Q1 Datasheet
1Mb / 37P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176 Datasheet
1Mb / 37P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176-Q1 TI1-LM5176-Q1 Datasheet
1Mb / 38P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936 TI1-LM34936 Datasheet
1Mb / 39P
30-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176_19 Datasheet
2Mb / 37P
55-V Wide VIN synchronous 4-switch buck-boost controller
LM5177 TI-LM5177 Datasheet
2Mb / 52P
LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
JUNE 2022
LM5177 TI-LM5177_V01 Datasheet
2Mb / 54P
LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED OCTOBER 2022
LM5177 TI1-LM5177_V02 Datasheet
2Mb / 62P
LM5177 60-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com