Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0029-R Datasheet (PDF) - DFROBOT

DFR0029-R Datasheet PDF - DFROBOT
Part # DFR0029-R
Download  DFR0029-R Download
File Size   53.8 Kbytes
Page   2 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Gravity: Digital Push Button (Red)-DFRobot

DFR0029-R Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR0029-R Datasheet PDF - DFROBOT

Part # DFR0029-R
Download  DFR0029-R Click to download

File Size   53.8 Kbytes
Page   2 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Gravity: Digital Push Button (Red)-DFRobot

DFR0029-R Datasheet (HTML) - DFROBOT


DFR0029-R Product details

FEATURES
 Wide voltage range from 3.3V to 5V
 Standard assembling structure (two 3mm diameter holes with multiple of 5mm as distance from center)
 Easily recognitive interfaces of sensors ("A" for analog and "D" for digital)
 Icons to simplely illustrate sensor function
 High quality connector
 Immersion gold surface




Similar Part No. - DFR0029-R

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0029-G DFROBOT-DFR0029-G Datasheet
53Kb / 2P
Gravity: Digital Push Button (Green)
More results


Similar Description - DFR0029-R

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
MP0022 BULGIN-MP0022 Datasheet
56Kb / 1P
Push Button
logo
Copal Electronics
DN1 COPAL-DN1 Datasheet
76Kb / 2P
Push Button Control of Digital Potentiometers
logo
Schneider Electric
9001KR9R SCHNEIDER-9001KR9R Datasheet
89Kb / 1P
30mm Push Button, Type K, push pull operator, red mushroom cap
Aug 15, 2019
ZB4BA4 SCHNEIDER-ZB4BA4 Datasheet
378Kb / 13P
Harmony, 22mm Push Button, flush push button head, spring return, red, unmarked
Oct 4, 2021
ZB4BH04 SCHNEIDER-ZB4BH04 Datasheet
412Kb / 11P
Harmony XB4, Push button head, metal, red, flush, 횠22, push-push, unmarked
Oct 4, 2021
ZB4BH043 SCHNEIDER-ZB4BH043 Datasheet
409Kb / 11P
Harmony XB4, Illuminated push button head, metal, flush, red, 횠22, push-push, integral LED,
Oct 4, 2021
ZB4BL4 SCHNEIDER-ZB4BL4 Datasheet
381Kb / 13P
Harmony, 22mm Push Button, no guard push button head, spring return, red, unmarked
Oct 4, 2021
9001KR1RH13 SCHNEIDER-9001KR1RH13 Datasheet
174Kb / 6P
30mm Push Button, Type K, push button, full guard, red, 1 NO and 1 NC
Dec 6, 2021
ZB4BW343 SCHNEIDER-ZB4BW343 Datasheet
167Kb / 8P
Harmony, 22mm Push Button, illuminated push button head, flush, spring return, red, for integral LED
Aug 17, 2019
ZB5AH04 SCHNEIDER-ZB5AH04 Datasheet
452Kb / 10P
Harmony XB5, Push button head, plastic, flush, red, 횠22, push-push, unmarked
Mar 7, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com